Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS34118CS Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TS34118CS
Description  Voice Switched Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118CS Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

Back Button TS34118CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TS34118
8-20
2004/09 rev. B
Attenuators
The attenuators are controlled by the single output of the Control Block, which is measurable at the CT pin (pin 14).
When the CT pin is at +240 millivolts with respect to VB, the circuit is in the receive mode (receive attenuator is at
+6.0dB). When the CT voltage is at +240 millivolts with respect to VB, the circuit is in the transmit mode (transmit
attenuator is at +6.0dB). The circuit is in an idle mode when the CT voltage is equal to VB. Causing the attenuators gain
to be halfway between their fully on and fully off positions (-20dB each). Monitoring the CT voltage (with respect to VB) is
the most direct method of monitoring the circuit’s mode.
The inputs to the Control Block are seven, 2 from the comparators operated by the level detectors, 2 from the
background noise monitors, the volume control, the dial-tone detector, and the AGC circuit. These seven inputs are
described below.
Level Detectors
There are four level detectors-two on the receive side and two on the transmit side. Refer to Figure 4. The terms in
parentheses from one system, and the other terms from one system. Each level detector is a high gain amplifier with
back-to-bank diodes in the feedback path, resulting in non-linear gain, which permits operation over a wide dynamic
range of speech levels. The sensitivity of each level detector is determined by the external resistor and capacitor at
each input (TLI1, TLI2, RLI1 and RLI2). Each output charge an external capacitor through a diode and limiting resistor,
thus providing a do representation of the input as signal level. The outputs have a quick rise time (determined by the
capacitor and an internal 350Ω resistor), and a slow decay time set by an internal current source and the capacitor. The
capacitors on the four outputs should have the same value (±10%) to prevent timing problems. Referring to Figure 2, on
the receives side, one level detector (RLI1) is at the receive input receiving thus same signal as at Tip and Ring, and
the other (PLI2) is at the output of the speaker amplifier. On the transmit side, one level detector (TLI2) is at the output
of the microphone amplifier, while the other (TLI1) is at the hybrid output. Outputs RLO1 and TLO1 feed a comparator,
the output of which goes to the Attenuator Control Block. Likewise, outputs RLO2 and TLO2 feed a second comparator
which also goes to the Attenuator Control Block. The touch table for the effects of the level detectors on the Control
Block is given in the section describing the Control Block.
Figure 4. Level Detectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com