Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS34118CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS34118CS
Description  Voice Switched Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS34118CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TS34118
1-20
2004/09 rev. B
TS34118
Voice Switched Speakerphone Circuit
SOP-28
DIP-28
Supply Voltage Range -1.0 V to 7.0V
IVB Current 500µA
Microphone Amplifier, & Hybrid Amplifier
Gain 40 dB
General Description
The TS34118 Voice Switched Speakerphone Circuit incorporates the necessary amplifiers, attenuators, level detectors,
and control algorithm to form the heart of a high quality hands-free speakerphone system. Included are a microphone
amplifier with adjustable gain and MUTE control, Transmit and Receive attenuators which operate in a complementary
manner, level detectors at both input and output of both attenuators, and background noise monitors for both the transmit
and receive channels. A Dial Tone Detector prevents the dial being attenuated by the Receive background noise monitor
circuit. Also included are two line drive amplifiers which can be used to form a hybrid network in conjunction with an
external coupling transformer. A high-pass filter can be used to filter out 60Hz noise in the receive channel, or for other
filtering functions .A Chip Disable pin permits powering down the entire circuit to conserve power on long loops where
loop current is at a minimum.
The TS34118 may be operated from a power supply, or it can be powered from the telephone line, requiring typically
5.0mA. The TS34118 can be interfaced directly to Tip and Ring (through a coupling transformer) for stand-alone
operation, or it can be used in conjunction with a handset speech network and/or other features of a feature phone
Features
Improved attenuator gain range: 52dB between
transmit and receive.
Low voltage operation for line-powered applications
(3.0-6.5V).
4-point signal sensing for improved sensitivity.
Back ground noise monitors for both transmit
and receive paths.
Standard 28-pin plastic DIP package and SOP
package available.
Microphone amplifier gain set by external
resistors-mute function included.
Chip disable for active/standby operation.
On board filter pinned-out for user defined function.
Dial tone detector to inhibit receive idle mode during
dial tone presence.
Compatible with TS34119 speaker amplifier.
Ordering Information
Part No.
Operating Temp.
Package
TS34118CD
DIP-28
TS34118CS
-20 ~ +70
oC
SOP-28
Absolute Maximum Rating
Description
Value
Unit
Supply voltage (pin 4)
-1.0, +7.0
V
Voltage at CD (pin 3), MUT (pin 12)
-1.0,Vcc +1.0
V
Voltage at VLC (pin 13)
-1.0,Vcc +0.5
V
Voltage at TXI (pin 9),RXI (pin 21),FI(pin 2)
-0.5,Vcc +0.5
V
Storage temperature range
-65 to +150
oC


Similar Part No. - TS34118CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
Voice Switched Speakerphone Circuit
TS34118CS28C8 TSC-TS34118CS28C8 Datasheet
989Kb / 23P
Voice Switched Speakerphone Circuit
TS34118CS28C8 TSC-TS34118CS28C8 Datasheet
378Kb / 21P
Voice Switched Speakerphone Circuit Chip disable for active/standby operation
TS34118CS28RD TSC-TS34118CS28RD Datasheet
378Kb / 21P
Voice Switched Speakerphone Circuit Chip disable for active/standby operation
More results

Similar Description - TS34118CS

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
Voice Switched Speakerphone Circuit
logo
Integral Corp.
IL34118 INTEGRAL-IL34118 Datasheet
632Kb / 12P
Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
Voice Switched Speakerphone Circuit
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
Voice Switched Speakerphone Circuit
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
Voice switched Speakerphone circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
Voice Switched Speakerphone Circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
VOICE SWITCHED SPEAKERPHONE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com