Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8DXIEC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # IMX8DXIEC
Description  i.MX 8DualX Industrial Applications Processors
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8DXIEC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button IMX8DXIEC Datasheet HTML 17Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 18Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 19Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 20Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 21Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 22Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 23Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 24Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 127 page
background image
Electrical characteristics
i.MX 8DualX Industrial Applications Processors, Rev. 0, 05/2020
NXP Semiconductors
21
The typical values shown in Table 9 are required for use with NXP board support packages (BSPs) to
ensure precise time keeping and USB operations.
4.1.5
Maximum Supply Currents
NOTE
Some of the numbers shown in this table are based on the companion
regulator limits and not actual use cases. Work is in progress to provide use
case–based numbers in future data sheet releases.
PCIe oscillator5
f100M
—100
—
MHz
Frequency accuracy
—
—
—
±300
ppm
1 External oscillator or a crystal with internal oscillator amplifier.
2 The required frequency stability of this clock source is application dependent. For recommendations, see the hardware
development guide for this device.
3 Recommended nominal frequency 32.768 kHz.
4 Fundamental frequency crystal with internal oscillator amplifier.
5 If using an external clock instead of the internal clock source, an HCSL-compatible clock is required.
Table 10. Maximum supply currents
Symbol
Value Unit
Comments
VDD_A351
2500
mA
VDD_GPU1
2500
mA
VDD_MAIN
5000
mA
VDD_DDR_VDDQ
1200
mA Does not comprehend IO of memory
VDD_DDR_PLL_1P8
20
mA
VDD_ANA0_1P8
200
mA
VDD_ANA1_1P8
200
mA
VDD_MIPI_1P0
100
mA
VDD_MIPI_1P8
115
mA
VDD_ADC_DIG_1P8
18
mA
VDD_CAN_UART_1P8_3P3
30
mA
VDD_CSI_1P8_3P3
12
mA
VDD_EMMC0_1P8_3P3
30
mA
VDD_EMMC0_VSELECT_1P8_3P3
30
mA
VDD_ENET_MDIO_1P8_3P3
15
mA
Table 9. External Input Clock Frequency (continued)
Parameter Description
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com