Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8DXIEC Datasheet(PDF) 68 Page - NXP Semiconductors

Part # IMX8DXIEC
Description  i.MX 8DualX Industrial Applications Processors
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8DXIEC Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button IMX8DXIEC Datasheet HTML 64Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 65Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 66Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 67Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 68Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 69Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 70Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 71Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 127 page
background image
Electrical characteristics
i.MX 8DualX Industrial Applications Processors, Rev. 0, 05/2020
NXP Semiconductors
68
Figure 26. ESAI Receive timing
The following table shows the interface timing values. The ID field in the table refers to timing signals
found in Figure 25 and Figure 26.
Table 62. Enhanced Serial Audio Interface (ESAI) Timing
ID
Parameters
Min
Max
Condition1
Unit
—
Clock frequency
—
24.576
—
MHz
t1
SCKT / SCKT pulse width high / low
45%
55%
—
SCKT / SCKR period
t2
FST output delay
—
10
2
x ck
i ck
ns
t3
TX data - high impedance / valid data
—
9
1
x ck
i ck
ns
t4
TX data output delay
—
10
2
x ck
i ck
ns
t5
FST - setup requirement
—
2
10
x ck
i ck
ns
t6
FST - hold requirement
—
2
0
x ck
i ck
ns
t7
Flag output delay
10
2
x ck
i ck
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com