Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS39102CS3.3 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS39102CS3.3
Description  1.0A Ultra Low Dropout Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39102CS3.3 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS39102CS3.3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39102CS3.3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39102CS3.3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39102CS3.3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39102CS3.3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39102CS3.3 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39102CS3.3 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39102CS3.3 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39102CS3.3 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TS39100/1/2/3
5-10
2004/06 rev. E
Pin Assignment
Pin No.
TS39100
TS39101
TS39102
TS39103
Pin Configuration
Pin
Description
1
1
1
Enable
Enable (input): TTL/COMS compatible
input. Logic high is enable; logic low or
open is shutdown
1
2
2
2
Input
Unregulated input: +26V maximum
supply
2
5,6,7,8
5,6,7,8
3
Ground
Ground: Ground pin and TAB/heatsink
are internally connected.
3
3
3
4
Output
Regulator output
4
Flag
(fixed output voltage)
Error Flag (output): Open-collector
output. Active low indicates an output
fault condition, if no used, leave open.
4
5
Feed Back
(adjustable voltage)
Adjustment input: Feedback input.
Connect to resistive voltage-divider
network.
Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com