Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS39102CS3.3 Datasheet(PDF) 10 Page - Taiwan Semiconductor Company, Ltd

Part # TS39102CS3.3
Description  1.0A Ultra Low Dropout Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39102CS3.3 Datasheet(HTML) 10 Page - Taiwan Semiconductor Company, Ltd

Back Button TS39102CS3.3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39102CS3.3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39102CS3.3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39102CS3.3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39102CS3.3 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39102CS3.3 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39102CS3.3 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39102CS3.3 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS39102CS3.3 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TS39100/1/2/3
10-10
2004/06 rev. E
SOP-8 Mechanical Drawing
C
P
B
D
K
G
1
8
A
16
9
R
M
F
SOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 (typ)
0.05 (typ)
K
0.10
0.25
0.004
0.009
M
0
o
7
o
0
o
7
o
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
TO-252-5L Mechanical Drawing
TO-252-5L DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
6.350
6.730
0.2509
0.265
B
9.080
10.44
0.357
0.411
C
0.460
0.640
0.018
0.025
D
1.27BSC
0.050BSC
E
2.190
2.380
0.086
0.094
F
0.460
0.570
0.018
0.022
G
1.400
1.780
0.055
0.070
H
0.460
0.570
0.018
0.022
I
5.340
5.550
0.210
0.219
J
1.520
2.030
0.060
0.080



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com