Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLLDB3 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CLLDB3
Description  SILICON DIAC BIDIRECTIONAL TRIGGER DIODE GLASS PASSIVATED PNPN DEVICE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CLLDB3 Datasheet(HTML) 1 Page - Continental Device India Limited

  CLLDB3 Datasheet HTML 1Page - Continental Device India Limited CLLDB3 Datasheet HTML 2Page - Continental Device India Limited CLLDB3 Datasheet HTML 3Page - Continental Device India Limited CLLDB3 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON DIAC
CLLDB3
BIDIRECTIONAL TRIGGER DIODE
GLASS PASSIVATED PNPN DEVICE
SOD - 80C
Mini MELF (LL-34)
Functioning as a Trigger Diode with a Fixed Voltage Reference, CLLDB3 can be
used in Conjunction with Triacs for Simplified Gate Control Circuits or as a Starting
Element in Fluorescent Lamp Ballasts
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise))
SYMBOL
VALUE
UNIT
Power Dissipation on Printed Circuit (L=10mm) (Ta=50
oC)
Ptot
150
mW
Up to Ta = 50
oC and Mounted on a Ceramic Substrate of 10mm x
Ptot
120
mW
10mm x 0.6mm
Repetitive Peak on-State Current (tp=20µ
µs, f=100Hz)
ITRM
2
A
Storage Temperature Range
Tstg
- 40 to +125
ºC
Junction Temperature Range
Tj
- 40 to +110
ºC
THERMAL RESISTANCE
Junction to Ambient in free air
400
ºC/W
Junction-Leads
150
ºC/W
ELECTRICAL CHARACTERISTICS (Tj=25ºC unless specified otherwise)
SYMBOL
MIN
MAX
UNIT
* Breakover Voltage
VBO
28
36
V
Breakover Voltage Symmetry
[I+VBOI-I-VBOI]
+ 3
V
* Dynamic Breakover Voltage
I
∆V+ I
5
V
* Output Voltage
VO
5
V
* Breakover Current
IBO
50
µA
* Rise Time
tr
TYP 1.5
µs
* Leakage Current
IB
10
µA
* Electrical characteristic applicable in both forward and reverse directions
** Connected in parallel with the devices.
DESCRIPTION
TEST CONDITIONS
** C = 22nF
** C = 22nF
see diagram 1
Rth(j-a)
Rth(j-l)
∆1=[I
BO to IF=10mA]
see diagram 2
** C = 22nF
DESCRIPTION
see diagram 1
see diagram 1
see diagram 3
VB = 0.5 VBO max
see diagram 1
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CLLDB3

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLL CLAIREX-CLL Datasheet
198Kb / 4P
Photo-IC Sensors Digital Output
logo
CITIZEN ELECTRONICS CO....
CLL012-0305A5-273M1A2 CITIZEN-CLL012-0305A5-273M1A2 Datasheet
445Kb / 12P
This data sheet is applied to the LED package
CLL012-0305A5-50KL1A1 CITIZEN-CLL012-0305A5-50KL1A1 Datasheet
483Kb / 12P
This data sheet is applied to the LED package
logo
Cree, Inc
CLL02 CREE-CLL02 Datasheet
1Mb / 9P
Ronda series
CLL02 CREE-CLL02 Datasheet
1Mb / 9P
Ronda series
More results

Similar Description - CLLDB3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DB3A ETC2-DB3A Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3B ETC2-DB3B Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
logo
TAITRON Components Inco...
DB3 TAITRON-DB3 Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3A TAITRON-DB3A Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3AM TAITRON-DB3AM Datasheet
255Kb / 4P
Bidirectional DIAC Trigger Diode
DB3B TAITRON-DB3B Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3BM TAITRON-DB3BM Datasheet
255Kb / 4P
Bidirectional DIAC Trigger Diode
logo
Continental Device Indi...
DIACDB3-22 CDIL-DIACDB3-22 Datasheet
101Kb / 4P
SILICON DIAC BIDIRECTIONAL TRIGGER DIODE GLASS PASSIVATED PNPN DEVICE
DB3 CDIL-DB3 Datasheet
172Kb / 4P
SILICON DIAC BIDIRECTIONAL TRIGGER DIODE GLASS PASSIVATED PNPN DEVICE
logo
Littelfuse
HT32A LITTELFUSE-HT32A Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com