Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7612 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV7612
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7612 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV7612 Datasheet HTML 6Page - STMicroelectronics STV7612 Datasheet HTML 7Page - STMicroelectronics STV7612 Datasheet HTML 8Page - STMicroelectronics STV7612 Datasheet HTML 9Page - STMicroelectronics STV7612 Datasheet HTML 10Page - STMicroelectronics STV7612 Datasheet HTML 11Page - STMicroelectronics STV7612 Datasheet HTML 12Page - STMicroelectronics STV7612 Datasheet HTML 13Page - STMicroelectronics STV7612 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
STV7612
10/18
ADCS 7399251
CIRCUIT DESCRIPTION
The STV7612 contains all the logic and the power
circuits necessary to drive the columns of a Plas-
ma Display Panel (P. D. P.). The binary value of
each pixel of the displayed line is loaded into the
shift register. Data are input in a 6-bit wide data
bus to A1 - A6 input (case of forward shift mode).
Data are shifted at each low to high transition of
the CLK shift clock. After 16 shifts the first data are
available on B1 - B6 outputs. These B1 - B6 out-
puts can be used to cascade several drivers to
perform any horizontal resolution. The forward/re-
verse
(F/R) input is used to select the direction of
the shift register, A1 - A6 and B1 - B6 data bus in-
put/output status is set according to the selected
direction. F/R= H, A is an input and B is an output.
Serial inputs, CLK, STB inputs are Smith trigger in-
puts. If not used in the application, Blanking (BLK),
Polarity (POL are internally pulled to level “H”. The
maximum frequency of the shift clock is 20 MHz.
This leads to an equivalent 120 MHz serial shift
register.
On low level of STB, data is transferred from shift
register to the latch stage. Data will not be re-
freshed as long as STB is kept high.
Blanking input (BLK) forces the power outputs to
low level when pulled low. All the power outputs
are set at high level when the Polarity command
(POL) is pulled low and the Blanking (BLK) input is
at high level.
VSSSUB and VSSLOG must be connected as close
as possible to the logical reference ground of the
application.
Shift Register Truth Table
Power Output Truth Table
Note 1 Qn+1 = A1, Qn + 2 = A2, Qn + 3 = A3, Qn + 4 =
A4, Qn + 5 = A5, Qn + 6 = A6, n = [0,6,12,18,...,90]
Input
Input/Output
Shift Register
Function
F/R
CLK
A
B
Output Q
H
Rise
IN
OUT
Forward shift
H
H or L
IN
OUT
Steady
L
Rise
OUT
IN
Reverse shift
L
H or L
OUT
IN
Steady
Qn
STB
BLK
POL
Driver
Output
Comments
X
X
L
X
L
Output low
X
X
H
L
H
Output high
X
H
H
H
Qn
Data latched
L
L
H
H
L
Data copied
H
L
H
H
H
Data copied
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com