Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7612 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV7612
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7612 Datasheet(HTML) 5 Page - STMicroelectronics

  STV7612 Datasheet HTML 1Page - STMicroelectronics STV7612 Datasheet HTML 2Page - STMicroelectronics STV7612 Datasheet HTML 3Page - STMicroelectronics STV7612 Datasheet HTML 4Page - STMicroelectronics STV7612 Datasheet HTML 5Page - STMicroelectronics STV7612 Datasheet HTML 6Page - STMicroelectronics STV7612 Datasheet HTML 7Page - STMicroelectronics STV7612 Datasheet HTML 8Page - STMicroelectronics STV7612 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STV7612
ADCS 7399251
5/18
PIN LIST
(TQFP144)
PIN LIST
(Power outputs)
Pin N°
Symbol
Type
Description
3-37-38-39-41-43-48-65-67-69-
70-71-72-106-110-111-142-143
-
NC
1-2-42-66-107-108
VPP
Supply
High Voltage Supply of Power Outputs
53
VCC
Ground
5V Logic Supply
40-68-109-144
VSSP
Ground
Ground of Power Outputs
54
VSSLOG
Ground
Logic Ground
55
VSSSUB
Output
Substrate Ground
73 to 105
OUT 1 to OUT 33
Output
Power Output
112 to 141
OUT 34 to OUT 63
Input
Power Output
4 to 36
OUT 64 to OUT 96
Input
Power Output
50
BLK
Input
Blanking Input
51
POL
Input
Polarity Input
52
F/R
Input
Selection of Shift Direction
56
CLK
Input
Clock of data Shift Register
57
STB
Input
Latch of data to Outputs
59 to 64
A1 to A6
Input/Output
Forward Shift Register Input
44 to 49
B6 to B1
Input/Output
Forward Shift Register Output
Output N°
Pin N°
Output N°
Pin N°
Output N°
Pin N°
Output N°
Pin N°
1
73
25
97
49
127
73
13
2
74
26
98
50
128
74
14
3
75
27
99
51
129
75
15
4
76
28
100
52
130
76
16
5
77
29
101
53
131
77
17
6
78
30
102
54
132
78
18
7
79
31
103
55
133
79
19
8
80
32
104
56
134
80
20
9
81
33
105
57
135
81
21
10
82
34
112
58
136
82
22
11
83
35
113
59
137
83
23
12
84
36
114
60
138
84
24
13
85
37
115
61
139
85
25
14
86
38
116
62
140
86
26
15
87
39
117
63
141
87
27
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com