Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD43/6-LSR Datasheet(PDF) 5 Page - Hongfa Technology

Part # HFD43/6-LSR
Description  1GHz SUBMINIATURE HIGH-FREQUENCY RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD43/6-LSR Datasheet(HTML) 5 Page - Hongfa Technology

  HFD43/6-LSR Datasheet HTML 1Page - Hongfa Technology HFD43/6-LSR Datasheet HTML 2Page - Hongfa Technology HFD43/6-LSR Datasheet HTML 3Page - Hongfa Technology HFD43/6-LSR Datasheet HTML 4Page - Hongfa Technology HFD43/6-LSR Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
T`h\mfA 081 Ch]d`io o`hk`m\opm` ^ji_dodjin dn 9:45
091 Vc` _\o\ ncjri \]jq` \m` didod\g q\gp`n5
Fdn^g\dh`m
Vc` nk`^dad^\odji dn ajm m`a`m`i^` jigt5 U`` oj ,V`mhdijgjbt \i_ Ipd_`gdi`n, ajm hjm` diajmh\odji5 Uk`^dad^\odjin np]e`^o oj ^c\ib` rdocjpo ijod^`5
Y` ^jpg_ ijo `q\gp\o` \gg oc` k`majmh\i^` \i_ \gg oc` k\m\h`o`mn ajm `q`mt kjnnd]g` \kkgd^\odji5 Vcpn oc` pn`m ncjpg_ ]` di \ mdbco kjndodji oj
^cjjn` oc` npdo\]g` kmj_p^o ajm oc`dm jri \kkgd^\odji5 Ka oc`m` dn \it lp`mt3 kg`\n` ^jio\^o Jjiba\ ajm oc` o`^cid^\g n`mqd^`5 Jjr`q`m3 do dn oc` pn`mzn
m`nkjind]dgdot oj _`o`mhdi` rcd^c kmj_p^o ncjpg_ ]` pn`_ jigt5
w Zd\h`i Jjiba\ Gg`^omj\^jpnod^ Ej53 No_5 Cgg mdbcon ja Jjiba\ \m` m`n`mq`_5
Phlc^`
am`lp`i^t IJu
am`lp`i^t IJu
am`lp`i^t IJu
0;1 V`no hj_`g \i_ nk`^dad^\odjiA JHF;:6<4UT3 o`no dinomph`ioA M`tndbco G<7>8E i`orjmf \i\gtu`m3 oc` ^c\m\^o`mdnod^ dhk`_\i^`
ja oc` h`\npm`h`io ntno`h dn <7 ;+
Xjgo\b` no\i_dib r\q` m\odj
87
7
97
:7
;7
<7
=7
>7
7
75<
8
85<
9
95<
:
85>
85=
85<
85;
85:
859
858
857
X0UYT
7
758
759
75:
75;
75<
7
75<
8
85<
9
95<
:
Knjg\odji
6]`or``i jk`i ^jio\^on7
7
87
97
:7
;7
<7
=7
>7
?7
@7
7
75<
8
85<
9
95<
:
OCZKOWO UYKVEJKPI RQYGT
GPFWTCPEG EWTXG
FKDTDFVHTLUVLF FWTXHU
KLJK ITHSWHPF[ FKDTDFVHTLUVLFU FWTXHU
@@
TGEQOOGPFGF UQNFGTKPI VGORGTCVWTG
TGHNQY UQNFGTKPI3VGORGTCVWTG
QP RED DQCTF
V`kl ^hg_clchgkC
T`ndnodq` gj\_3 8n ji @n jaa5
81 Vcdn m`g\t dn cdbcgt n`indodq` kjg\mdu`_ m`g\t3 da ^jmm`^o kjg\mdot dn ijo \kkgd`_ oj oc` ^jdg o`mhdi\gn3 oc` m`g\t _j`n ijo jk`m\o` kmjk`mgt5
91 Vj \qjd_ pndib m`g\tn pi_`m nomjib h\bi`od^ ad`g_ rcd^c rdgg ^c\ib` oc` k\m\h`o`mn ja m`g\tn np^c \n kd^f4pk qjgo\b` \i_ _mjk4jpo qjgo\b`5
:1 T`g\t dn ji oc` {m`n`o| no\opn rc`i ]`dib m`g`\n`_ amjh noj^f3 rdoc oc` ^jind_`m\odji ja ncj^f mdn`i amjh om\indo \i_ m`g\t hjpiodib3 do ncjpg_
]` ^c\ib`_ oj oc` {n`o| no\opn rc`i \kkgd^\odji0^jii`^odib oj oc` kjr`m npkkgt15 Rg`\n` m`n`o oc` m`g\t oj {n`o| jm {m`n`o| no\opn ji m`lp`no5
;1 Gi`mbdudib ^jdg rdoc m\o`_ qjgo\b` dn ]\nd^ ajm ijmh\g jk`m\odji ja \ m`g\t3 kg`\n` h\f` npm` oc` `i`mbdu`_ qjgo\b` oj m`g\t ^jdg c\q` m`\^c`_ oc`
m\o`_ qjgo\b`5 T`b\m_dib g\o^cdib m`g\t3 di jm_`m oj h\dio\di oc` ,n`o, jm ,m`n`o, no\opn3 dhkpgn` rd_oc ja oc` m\o`_ qjgo\b` \kkgd`_ oj ^jdg ncjpg_
]` hjm` oc\i < odh`n ja ,n`o, jm ,m`n`o, odh`5
<1Hjm ndibg`4nd_` no\]g` m`g\tn3 da qjgo\b` _mjk dn i``_`_ oj h\dio\di oc` jk`m\odji ja m`g\t \ao`m oc` m`g\t jk`m\o`n m`gd\]gt3 kg`\n` `inpm` oc\o oc`
`aa`^odq` q\gp` ja oc` cjg_dib qjgo\b` dn ijo g`nn oc\i =7- ja oc` m\o`_ qjgo\b`5
=1 Vc` m`g\t h\t ]` _\h\b`_ ]`^\pn` ja a\ggdib jm rc`i ncj^fdib ^ji_dodjin `s^``_ oc` m`lpdm`h`io5
>1 Hjm UOV kmj_p^on3 q\gd_\odji rdoc m`\g \kkgd^\odji ncjpg_ ]` _ji` ]`ajm` tjpm n`md`n kmj_p^odji3 da oc` m`agjr4njg_`mdib o`hk`m\opm` ^pmq` dn jpo
ja jpm m`^jhh`i_\odji5 I`i`m\ggt3 orj4odh` m`agjr4njg_`mdib dn ijo m`^jhh`i_`_ ajm oc` m`g\t5 Jjr`q`m3 da orj4odh` m`agjr4njg_`mdib dn m`lpdm`_3
\ =74hdi5 dio`mq\g ncjpg_ ]` bp\m\io``_ \i_ \ q\gd_\odji ncjpg_ ]` _ji` ]`ajm` kmj_p^odji5
?1 Ejio\^o dn m`^jhh`i_`_ ajm npdo\]g` ^ji_dodji \i_ nk`^dad^\odjin da r\o`m ^g`\idib jm npma\^` kmj^`nn dn diqjgq`_ di \nn`h]gdib m`g\tn ji RED5
@1 T`b\m_dib oc` kg\nod^ n`\g`_ m`g\t3 r` ncjpg_ g`\q` do ^jjgdib i\opm\ggt piodgg ]`gjr ;7
jE \ao`m r`g_dib3 oc`i ^g`\i do \i_ _`\g rdoc ^j\odib3 m`h\mf\]gt
oc` o`hk`m\opm` ja njgq`ion ncjpg_ \gnj ]` ^jiomjgg`_ ]`gjr ;7
jE5Rg`\n` \qjd_ ^g`\idib oc` m`g\t ]t pgom\njid^3 \qjd_ pndib oc` njgq`ion gdf`
b\njgdi`3 Hm`ji3 \i_ nj ji3 rcd^c rjpg_ \aa`^o oc` ^jiadbpm\odji ja m`g\t jm diagp`i^` oc` `iqdmjih`io5
871 C]jpo km`a`m\]g` ^ji_dodji ja jk`m\odji3 nojm\b` \i_ om\inkjmo\odji3 kg`\n` m`a`m oj ,Gskg\i\odji oj o`mhdijgjbt \i_ bpd_`odi`n ja m`g\t,5
Kin`moodji gjnn
0:1 Vc` cdbc4am`lp`i^t ^c\m\^o`mdnod^n rdgg q\mt _`k`i_dib ji oc` RED ]j\m_5Rg`\n` ]` npm` oj ^c`^f k`majmh\i^` k\m\h`o`mn
di^gp_dib _pm\]dgdot di \^op\g `lpdkh`io ]`ajm` pn`5
881 Hjm m`g\tn rdoc hjdnopm`4kmjja k\^f\b`3 oc` k\^f\b` h``on m`lpdm`h`ion ja OUN4:5Cao`m jk`idib oc` k\^f\b`3kg`\n` nojm` oc` m`g\tn di \i
`iqdmjih`io ja 2:74* 2=7- TJ3\i_ pn` oc`h rdocdi 8=? cjpmn5Ka oc` m`g\tn ^\i/o ]` pn`_ pk di odh` do/n m`^jhh`i_`_ oj m`k\^f oc`h rdoc
q\^pph k\^f\bdib jm nojm` oc`h di \ _mtdib jq`i ja 9<41<43 287- TJ5Ka oc` nojm\b` ^ji_dodjin `s^``_ oc` \ajm`h`iodji`_ ^ji_dodjin
kg`\n` k`majmh \^op\g njg_`mdib ^jiadmh\odji jm ]\f` oc` m`g\tn \o <741<43 2:7- TJ ajm >9 cjpmn ]`ajm` pn`5
891Rg`\n` ]` npm` oj \qjd_ nrdo^cdib ]joc g\mb` \i_ nh\gg jm cdbc4am`lp`i^t gj\_n rdoc oc` n\h` m`g\t5 D`^\pn` nrdo^cdib g\mb` gj\_ dn gdf`gt oj
di^pm nkg\nc`n rcd^c3 da ]`dib \oo\^c`_ oj oc` ^jio\^on3 rdgg g`\_ oj oc` ^jio\^o a\dgpm` jm _`^gdi` ja oc` cdbc4am`lp`i^t ^c\m\^o`mdnod^n rc`i oc`
m`g\t nrdo^c`n oc` nh\gg jm cdbc4am`lp`i^t gj\_5
0 1
h\s59;<
997
8?7
8<7
h\s5 877
h\s5 9?7
h\s5 877
h\s5 =7
h\s5 = 6n
h\s5 : 6n
V`hk`m\opm`
Rm`c`\odib
Ujg_`mdib
Vdh`0n1
Ejio\^o Epmm`io
Ejio\^o Epmm`io 0C1
8777X
877X
:7X
87X
87hX
87pC
877hC
8C
87C
877
7
75<
8
85<
<77
87
8
:7XFE
T`ndnodq` Nj\_
89<XCE
T`ndnodq` Nj\_



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com