Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD43/6-LSR Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFD43/6-LSR
Description  1GHz SUBMINIATURE HIGH-FREQUENCY RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD43/6-LSR Datasheet(HTML) 1 Page - Hongfa Technology

  HFD43/6-LSR Datasheet HTML 1Page - Hongfa Technology HFD43/6-LSR Datasheet HTML 2Page - Hongfa Technology HFD43/6-LSR Datasheet HTML 3Page - Hongfa Technology HFD43/6-LSR Datasheet HTML 4Page - Hongfa Technology HFD43/6-LSR Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ejio\^o m\odib
JQPIHC TGNC[
@<
Gg`^omd^\g `i_pm\i^`
]`or``i jk`i ^jio\^on
]`or``i ^jio\^o n`on
397_D
3:7_D
Jdbc am`lp`i^t gj\_
Jdbc am`lp`i^t
gj\_
D`or``i jk`i ^jio\^on
D`or``i ^jio\^o n`on
D`or``i ^jdg3 ^jio\^o \i_
D`or``i ^jdg . ^jio\^on
Fd`g`^omd^
nom`iboc
bmjpi_dib
Qk`m\o` odh` 0U`o odh`1
Ch]d`io o`hk`m\opm`
Xd]m\odji
m`ndno\i^`
Hpi^odji\g
F`nomp^odq`
Hpi^odji\g
F`nomp^odq`
Ucj^f
m`ndno\i^`
I`\lmj`k
Kin`modji gjnn
Knjg\odji
2759_D
2859
:Y
am`lp`i^t
Udibg`4nd_` no\]g`
8 ^jdg g\o^cdib
Ejdg kjr`m
V`hk`m\opm` mdn`
U`` ,EQKN FCVC,
U`` ,EQKN FCVC,
<7M h\s5
08C gj\_3 \h]d`io o`hk`m\opm` ?< 1
KUQ@778.KUQ6VU8=@;@.KUQ8;778.QJUCU8?778.KGES SE 7?7777 EGTVKHKGF
9797 T`q5 8577
ThKU ^hfiec\gl
KIGBA
9E
877h h\s5 0\o 87hC :7hXFE1
qtsvru \ggjt 2 Cp kg\o`_
Ejio\^o \mm\ib`h`io
Ejio\^o m`ndno\i^`
Ejio\^o h\o`md\g
@JKp UWEOLPLDVWTH KLJK?ITHSWHPF[ THND[
FQPVDFV GDVD
8C :7XFE
75:C 89<XCE
8Y 8IJu
<s87>QRU
8s87<QRU08Y 8IJu 3
\o ?<jE3 8n ji @n jaa1
89<XCE 6 :7XFE
8C 0:7XFE1
:>5<XC 6 :7Y 68Y 8IJu
87hX 87yC
FQLN
KLJK?ITHSWHPF[ FKDTDFVHTLUVLFU
FKDTDFVHTLUVLFU
8777O 0<77XFE1
><7XCE 8hdi
><7XCE 8hdi
><7XCE 8hdi
Kinpg\odji m`ndno\i^`
T`g`\n` odh` 0T`n`o odh`1
Jphd_dot
Ejinomp^odji
<77XCE 8hdi
8IJu
8s87<QRU0 8C :7XFE3
\o ?<jE3 8n ji @n jaa1
8s87<QRU
0 75:C 89<XCE3
\o ?<jE3 8n ji @n jaa1
O\s5 nrdo^cdib qjgo\b`
O\s5 nrdo^cdib ^pmm`io
O\s5 nrdo^cdib kjr`m
Odi5 \kkgd^\]g` gj\_
O`^c\id^\g `i_pm\i^`
T`ndnodq` gj\_
0:1
T`ndnodq` gj\_
Phl`kC 081 Vc` _\o\ ncjri \]jq` \m` didod\g q\gp`n
Phl`kC 81 Vc` _\o\ ncjri \]jq` \m` didod\g q\gp`n5
UOV
Ckkmjs 75@<b
V`mhdi\odji
Wido r`dbco
Ojdnopm` n`indodqdot g`q`gn 0Qigt
ajm UOV otk`3 LGFGE4UVF47971
OUN:
4;7 v?<
<- v ?<- TJ
2 :hn
2 :hn
87Ju v <<Ju :5:hh FC
87Ju v <<Ju <57hh FC
>:<h6n
9
@?7h6n
9
Rg\nod^ n`\g`_
Gs^`gg`io cdbc4am`lp`i^t ^c\m\^o`mdnod^n \o 8IJuA
Kin`modji gjnn2759_D8
Knjg\odji9]`or``i jk`i ^jio\^on397_D*
]`or``i ^jio\^o n`on 3:7_D
5
5 9 Hjmh E ^jiadbpm\odji
5 Udibg`4nd_` no\]g` \i_ g\o^cdib otk`n \q\dg\]g`
5 UOV otk` \q\dg\]g`
5 Uh\gg kmj_p^o ndu`
0:1 Vc`n` q\gp`n \m` ajm \ X5UYT ja 859 h\s5 \o oc` gj\_5
0:1 Rg`\n` ^jio\^o pn da oc` m`g\t rdgg ]` pn`_ di \i \kkgd^\odji
oc\o m`lpdm`n cdbc m`k`\o\]dgdot di cdbc4am`lp`i^t
^c\m\^o`mdnod^n ajm oc` hd^mjgj\_ \m`\ 0np^c \n o`no \i_
h`\npm`h`io `lpdkh`io \i_ CVG3`o^5 1
091 Vc` _\o\ ncjri \]jq` \m` didod\g q\gp`n5
091 Odi5 \kkgd^\]g` gj\_ dn m`a`m`i^` q\gp`5 Rg`\n` k`majmh oc`
^jiadmh\odji o`no rdoc oc` \^op\g gj\_ ]`ajm` kmj_p^odji ndi^`
m`a`m`i^` q\gp` h\t ^c\ib` \^^jm_dib oj nrdo^cdib
am`lp`i^d`n3 `iqdmjih`io\g ^ji_dodjin \i_ `sk`^o`_ ^jio\^o
m`ndno\i^` \i_ m`gd\]dgdot5
091
081
0;1 Vc`n` q\gp`n \m` ajm \ X5UYT ja 859 h\s5 \o oc` gj\_5
Phl`k,081Vc` ^c\m\^o`mdnod^ dhk`_\i^` ja oc` h`\npmdib ntno`h dn <7;5
0;1
X5UYT
Vcmjpbc h\sdhph kjr`m


Similar Part No. - HFD43/6-LSR

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD4 HONGFA-HFD4 Datasheet
198Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD4 HONGFA-HFD4 Datasheet
950Kb / 8P
SUBMINIATURE SIGNAL RELAY
2023 Rev. 1.01
HFD4-I HONGFA-HFD4-I Datasheet
214Kb / 6P
SUBMINIATURE HIGH LOAD RELAY
HFD4-I/1.5-LS1R HONGFA-HFD4-I/1.5-LS1R Datasheet
214Kb / 6P
SUBMINIATURE HIGH LOAD RELAY
More results

Similar Description - HFD43/6-LSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQC-21FF ETC1-JQC-21FF Datasheet
286Kb / 2P
SUBMINIATURE HIGH POWER RELAY
logo
Hongfa Technology
HF25F HONGFA-HF25F Datasheet
90Kb / 4P
SUBMINIATURE HIGH POWER RELAY
logo
Omron Electronics LLC
G6K-2F-RF-TDC5 OMRON-G6K-2F-RF-TDC5 Datasheet
326Kb / 8P
Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
logo
Hongfa Technology
HF3FA HONGFA-HF3FA Datasheet
61Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF3FD HONGFA-HF3FD Datasheet
60Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF3FA HONGFA-HF3FA Datasheet
61Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF25F HONGFA-HF25F Datasheet
83Kb / 4P
SUBMINIATURE HIGH POWER RELAY
HF21FF HONGFA-HF21FF Datasheet
54Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF12FF HONGFA-HF12FF Datasheet
54Kb / 3P
SUBMINIATURE HIGH OPWER RELAY
HFD3-VI HONGFA-HFD3-VI Datasheet
1Mb / 9P
SUBMINIATURE HIGH INSULATION RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com