Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00S Datasheet(PDF) 14 Page - STMicroelectronics

Part # M41T00S
Description  Serial Access Real-Time Clock
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M41T00S Datasheet HTML 10Page - STMicroelectronics M41T00S Datasheet HTML 11Page - STMicroelectronics M41T00S Datasheet HTML 12Page - STMicroelectronics M41T00S Datasheet HTML 13Page - STMicroelectronics M41T00S Datasheet HTML 14Page - STMicroelectronics M41T00S Datasheet HTML 15Page - STMicroelectronics M41T00S Datasheet HTML 16Page - STMicroelectronics M41T00S Datasheet HTML 17Page - STMicroelectronics M41T00S Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
M41T00S
14/23
Century Bit
Bits D7 and D6 of Clock Register 02h contain the
CENTURY ENABLE Bit (CEB) and the CENTURY
Bit (CB). Setting CEB to a '1' will cause CB to tog-
gle, either from a '0' to '1' or from '1' to '0' at the turn
of the century (depending upon its initial state). If
CEB is set to a '0,' CB will not toggle.
Oscillator Fail Detection
If the Oscillator Fail Bit (OF) is internally set to '1,'
this indicates that the oscillator has either stopped,
or was stopped for some period of time and can be
used to judge the validity of the clock and date da-
ta.
In the event the OF Bit is found to be set to '1' at
any time other than the initial power-up, the STOP
Bit (ST) should be written to a '1,' then immediately
reset to '0.' This will restart the oscillator.
The following conditions can cause the OF Bit to
be set:
The first time power is applied (defaults to a '1'
on power-up).
The voltage present on VCC is insufficient to
support oscillation.
The ST Bit is set to '1.'
External interference of the crystal.
The OF Bit will remain set to '1' until written to logic
'0.' The oscillator must start and have run for at
least 4 seconds before attempting to reset the OF
Bit to '0.'
Output Driver Pin
When the FT Bit is not set, the FT/OUT pin be-
comes an output driver that reflects the contents of
D7 of the Calibration Register. In other words,
when D7 (OUT Bit) and D6 (FT Bit) of address lo-
cation 07h are a '0,' then the FT/OUT pin will be
driven low.
Note: The FT/OUT pin is an open drain which re-
quires an external pull-up resistor.
Preferred Initial Power-on Default
Upon initial application of power to the device, the
ST and FT bits are set to a '0' state, and the OF
and OUT Bits will be set to a '1.' All other Register
bits will initially power-on in a random state (see
Table 3).
Table 3. Preferred Default Values
Note: 1. State of other control bits undefined.
2. UC = Unchanged
Condition
ST
Out
FT
OF
Initial Power-up(1)
010
1
Subsequent Power-up (with battery back-up)(2)
UC
UC
0
UC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com