Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00S Datasheet(PDF) 4 Page - STMicroelectronics

Part # M41T00S
Description  Serial Access Real-Time Clock
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00S Datasheet(HTML) 4 Page - STMicroelectronics

  M41T00S Datasheet HTML 1Page - STMicroelectronics M41T00S Datasheet HTML 2Page - STMicroelectronics M41T00S Datasheet HTML 3Page - STMicroelectronics M41T00S Datasheet HTML 4Page - STMicroelectronics M41T00S Datasheet HTML 5Page - STMicroelectronics M41T00S Datasheet HTML 6Page - STMicroelectronics M41T00S Datasheet HTML 7Page - STMicroelectronics M41T00S Datasheet HTML 8Page - STMicroelectronics M41T00S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
M41T00S
4/23
SUMMARY DESCRIPTION
The M41T00S Serial Access TIMEKEEPER®
SRAM is a low power Serial RTC with a built-in
32.768kHz oscillator (external crystal controlled).
Eight bytes of the SRAM (see Table 2., page 11)
are used for the clock/calendar function and are
configured in binary coded decimal (BCD) format.
Addresses and data are transferred serially via a
two line, bi-directional I2C interface. The built-in
address register is incremented automatically af-
ter each WRITE or READ data byte.
The M41T00S has a built-in power sense circuit
which detects power failures and automatically
switches to the battery supply when a power fail-
ure occurs. The energy needed to sustain the
clock operations can be supplied by a small lithium
button supply when a power failure occurs. The
eight clock address locations contain the century,
year, month, date, day, hour, minute, and second
in 24 hour BCD format. Corrections for 28, 29
(leap year - valid until year 2100), 30 and 31 day
months are made automatically.
The M41T00S is supplied in an 8-pin SOIC.
Figure 2. Logic Diagram
Note: 1. For SO8 package only.
Table 1. Signal Names
Note: 1. For SO8 package only.
Figure 3. 8-pin SOIC (M) Connections
Note: 1. Open Drain Output
SCL
VCC
M41T00S
VSS
SDA
FT/OUT
VBAT
XI
(1)
XO
(1)
AI09165
XI(1)
Oscillator Input
XO(1)
Oscillator Output
FT/OUT
Frequency Test / Output Driver
(Open Drain)
SDA
Serial Data Input/Output
SCL
Serial Clock Input
VBAT
Battery Supply Voltage
VCC
Supply Voltage
VSS
Ground
2
3
45
6
8
7
1
FT/OUT
(1)
SDA
VBAT
SCL
VSS
XO
XI
VCC
M41T00S
AI09166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com