Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3JBQ Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # GS3JBQ
Description  Surface Mount General Purpose Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GS3JBQ Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  GS3JBQ Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GS3JBQ Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd GS3JBQ Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd GS3JBQ Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GS3ABQ THRU GS3MBQ
1 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S2801
Rev.1.1,15-Jun-20
www.21yangjie.com
Surface Mount General Purpose Rectifier
Features
● Low profile package
● Ideal for automated placement
● Glass passivated chip junction
● High forward surge capability
● Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
● Part no. with suffix “Q” means AEC-Q101 qualified
Typical Applications
For use in general purpose rectification of power
supplies, inverters, converters, and freewheeling diodes for
consumer, automotive and telecommunication.
Mechanical Data
Package: DO-214AA (SMB)
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant, halogen-free
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: Cathode line denotes the cathode end
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
GS3ABQ GS3BBQ GS3DBQ GS3GBQ GS3JBQ GS3KBQ GS3MBQ
Device marking code
GS3AB
GS3BB
GS3DB
GS3GB
GS3JB
GS3KB
GS3MB
Repetitive peak reverse voltage
VRRM
V
50
100
200
400
600
800
1000
Average rectified output current
@60Hz sine wave, resistance load, TL (FIG.1)
IO
A
3.0
Surge(non-repetitive)forward current
@60Hz half-sine wave,1 cycle, Ta=25℃
IFSM
A
100
Storage temperature
Tstg
-55~+150
Junction temperature
TJ
-55~+150
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
TEST
CONDITIONS
GS3ABQ GS3BBQ GS3DBQ GS3GBQ GS3JBQ GS3KBQ GS3MBQ
Maximum instantaneous
forward voltage drop per diode
VF
V
IFM=3.0A
1.15
Typical junction capacitance
CJ
pF
VR=4V,f=1 MHz
25
Maximum DC reverse current
at rated DC blocking voltage
per diode @ VRM=VRRM
IRRM
μA
Ta =25℃
5
Ta =125℃
100
COMPLIANT
RoHS


Similar Part No. - GS3JBQ

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GS3JB YANGJIE-GS3JB Datasheet
140Kb / 2P
General Purpose Rectifier
GS3JB YANGJIE-GS3JB Datasheet
139Kb / 2P
General Purpose Rectifier
logo
RFE international
GS3JB RFE-GS3JB Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS3AB Through GS3MB
07-17-2020
logo
Microdiode Semiconducto...
GS3JBF CHENDA-GS3JBF Datasheet
631Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - GS3JBQ

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Pan Jit International I...
GS1AW PANJIT-GS1AW Datasheet
113Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIER
GS1AWZ PANJIT-GS1AWZ Datasheet
109Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIER
GS1AWG PANJIT-GS1AWG Datasheet
117Kb / 5P
SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS1A YANGJIE-GS1A Datasheet
360Kb / 4P
Surface Mount General Purpose Rectifier
G1AQ YANGJIE-G1AQ Datasheet
219Kb / 5P
Surface Mount General Purpose Rectifier
GS2AAQ YANGJIE-GS2AAQ Datasheet
239Kb / 4P
Surface Mount General Purpose Rectifier
GS5AQ YANGJIE-GS5AQ Datasheet
215Kb / 4P
Surface Mount General Purpose Rectifier
GS8AQ YANGJIE-GS8AQ Datasheet
224Kb / 4P
Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1GAFC PANJIT-GS1GAFC Datasheet
343Kb / 4P
Surface Mount General Purpose Rectifier
July 4,2020 GS1GAFC_SERIES-REV.00
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com