Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3JBQ Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # GS3JBQ
Description  Surface Mount General Purpose Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GS3JBQ Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  GS3JBQ Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GS3JBQ Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd GS3JBQ Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd GS3JBQ Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GS3ABQ THRU GS3MBQ
2 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S2801
Rev.1.1,15-Jun-20
www.21yangjie.com
Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
GS3ABQ
GS3BBQ
GS3DBQ
GS3GBQ
GS3JBQ
GS3KBQ
GS3MBQ
Thermal resistance
RθJ-A
℃/W
75
1)
RθJ-L
20
1)
Note:
(1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas
Characteristics (Typical)
Number of Cycles
FIG2:Surge Forward Current Capability
8.3ms Single Half Sine Wave
1
10
100
10
1000
100
FIG1:IO-TLCurve
Resistive or Inductive Load
P.C.B. Mounted on 0.2"×0.2"
(5.0mm×5.0mm)Copper Pad Areas
Lead Temperature(℃)
0
40
80
120
160
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.01
0.1
1
10
100
FIG.3:Typical Forward Characteristics
Instantaneous Forward Voltage(V)
20
40
60
80
100
0.001
0.01
0.1
1
10
100
FIG.4:Typical Reverse Characteristics
Percent of Rated Reverse Voltage(%)
TJ=25
Pulse width=300us
1% duty cycle
TJ=25
TJ=125
TJ=150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com