Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSM-RKM-50-2M Datasheet(PDF) 1 Page - Turck, Inc.

Part # RSM-RKM-50-2M
Description  PVC Cable Jacket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

RSM-RKM-50-2M Datasheet(HTML) 1 Page - Turck, Inc.

  RSM-RKM-50-2M Datasheet HTML 1Page - Turck, Inc. RSM-RKM-50-2M Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hans Turck GmbH & Co. KG | 45466 Mülheim an der Ruhr, Germany | T +49 208 4952-0 | F +49 208 4952-264 | more@turck.com | www.turck.com
1|2
RSM RKM 50-2M
– PVC Cable Jacket
Technical data
Type
RSM RKM 50-2M
Ident. no.
U2282-0
Connector A
Connectors, 7/8", Straight
Number of pins
4+PE
Contacts
Metal, CuZn, Gold-plated
Contact carriers
Plastic, TPU, Yellow
Connector body
Plastic, TPU, Yellow
Coupling nut/screw
Brass, CuZn, Nickel-plated
Mechanical lifespan
> 100 Mating cycles
Pollution degree
3
Protection class
IP67, Only in screwed condition
Connector B
Female, 7/8”, Straight
Number of pins
4+PE
Contacts
Metal, CuZn, Gold-plated
Contact carriers
Plastic, TPU, Yellow
Connector body
Plastic, TPU, Yellow
Coupling nut/retaining screw
Brass, CuZn, Nickel-plated
Mechanical lifespan
> 100 Mating cycles
Pollution degree
3
Protection class
IP67, Only when screwed tight
Cable
 
Cable diameter
Ø 7.6 mm ± 0.30
Cable length
2  m
Cable jacket
PVC, Yellow
Core insulation
PVC
Core cross-section
5 x 0.83 mm²
Arrangement of strands
19 x 0.25 mm
Features
■ Powercable:5x0.83 mm2,5x18AWG
■ Jacketmaterial:PVC
■ Jacketcolor:yellow
■ Jacketdiameter:7.6 mm
■ UV-resistant
■ Flame-retardantacc.toCSAFT4
■ UL,CSAapproval
■ RoHS-compliant
■ Protectionclass:NEMA1,3,4,6PandIECIP67
■ 7/8"female,straight
■ 7/8"male,straight
■ Cablelength:2.0 m
Diagram


Similar Part No. - RSM-RKM-50-2M

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
RSM-102-02-F-D-FR SAMTEC-RSM-102-02-F-D-FR Datasheet
422Kb / 293P
SMT MICRO HEADER & SOCKET
RSM-102-02-F-D-K SAMTEC-RSM-102-02-F-D-K Datasheet
422Kb / 293P
SMT MICRO HEADER & SOCKET
RSM-102-02-F-D-P SAMTEC-RSM-102-02-F-D-P Datasheet
422Kb / 293P
SMT MICRO HEADER & SOCKET
RSM-102-02-F-D-TR SAMTEC-RSM-102-02-F-D-TR Datasheet
422Kb / 293P
SMT MICRO HEADER & SOCKET
RSM-102-02-F-S-FR SAMTEC-RSM-102-02-F-S-FR Datasheet
422Kb / 293P
SMT MICRO HEADER & SOCKET
More results

Similar Description - RSM-RKM-50-2M

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5139C ALPHAWIRE-5139C Datasheet
102Kb / 1P
EXTRA-PREMIUM GRADE PVC JACKET FOR EXTENDED CABLE LIFE
5453C ALPHAWIRE-5453C Datasheet
100Kb / 1P
EXTRA-PREMIUM GRADE PVC JACKET FOR EXTENDED CABLE LIFE
5496C ALPHAWIRE-5496C Datasheet
53Kb / 1P
EXTRA-PREMIUM GRADE PVC JACKET FOR EXTENDED CABLE LIFE
logo
Pasternack Enterprises,...
RG174A-U PASTERNACK-RG174A-U Datasheet
636Kb / 3P
Flexible RG174 Coax Cable Single Shielded with Black PVC Jacket
RG213-U PASTERNACK-RG213-U Datasheet
363Kb / 3P
Flexible RG213 Coax Cable Single Shielded with Black PVC Jacket
RG214-U PASTERNACK-RG214-U Datasheet
367Kb / 3P
Flexible RG214 Coax Cable Double Shielded with Black PVC Jacket
RG217-U PASTERNACK-RG217-U Datasheet
370Kb / 3P
Flexible RG217 Coax Cable Double Shielded with Black PVC Jacket
RG218-U PASTERNACK-RG218-U Datasheet
279Kb / 3P
Flexible RG218 Coax Cable Single Shielded with Black PVC Jacket
RG223-U PASTERNACK-RG223-U Datasheet
399Kb / 3P
Flexible RG223 Coax Cable Double Shielded with Black PVC Jacket
logo
Belden Inc.
1302E BELDEN-1302E Datasheet
160Kb / 3P
CATSNAKE Category 6A Cable, 4 Pair, S/FTP, PVC jacket
2022 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com