Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSM-RKM-50-2M Datasheet(PDF) 2 Page - Turck, Inc.

Part # RSM-RKM-50-2M
Description  PVC Cable Jacket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

RSM-RKM-50-2M Datasheet(HTML) 2 Page - Turck, Inc.

  RSM-RKM-50-2M Datasheet HTML 1Page - Turck, Inc. RSM-RKM-50-2M Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hans Turck GmbH & Co. KG | 45466 Mülheim an der Ruhr, Germany | T +49 208 4952-0 | F +49 208 4952-264 | more@turck.com | www.turck.com
2|2
Technical data
Core colors
BN, WH, BU, BK, GNYE
Electrical properties at +20 °C
 
Rated voltage
600 V
Current
9 A
Mechanical and chemical properties
 
Bending radius (stationary installation)
≥ 5 x Ø
Bending radius (flexible use)
≥ 10 x Ø
Stationary
-40 °C…+105 °C
Other Featues
 
UV resistance
yes
Flame-retardant
yes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com