Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS85 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BAS85
Description  SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAS85 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BAS85 Datasheet HTML 1Page - EIC discrete Semiconductors BAS85 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - MAXIMUM REVERSE POWER DISSIPATION
FIG.2 - DIODE CAPACITANCE VS.
VS. JUNCTION TEMPERATURE
REVERSE VOLTAGE
FIG.3 - FORWARD CURRENT VS.
FIG.4 - REVERSE CURRENT VS. JUNCTION
FORWARD VOLTAGE
TEMPERATURE
FIG.5 - REVERSE CURRENT VS. REVERSE
VOLTAGE; TYPICAL VALUES
Page 2 of 2
Rev. 03 : July 16, 2010
RATINGS AND CHARACTERISTIC CURVES ( BAS85 )
JUNCTION TEMPERATURE, (°C)
40
0
25
100
150
80
120
160
200
50
125
0.1
0
2
4
10
8
6
REVERSE VOLTAGE, (V)
FORWARD VOLTAGE, (V)
1000
100
10
1.0
100
1000
10
1.0
1.0
10
100
f = 1 MHz
75
0.1
0
0.5
1.0
1.5
25
100
150
50
125
75
JUNCTION TEMPERATURE, (°C)
VR = 30 V
RthJA = 540 kW
PR - Limit at
100% VR
PR - Limit at
80% VR
VR = VRRM
TJ = 25 °C
TJ = 150 °C
1.0
10
0.1
0.01
20
30
0
10
REVERSE VOLTAGE, (V)
Ta = 25 °C
www.eicsemi.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com