Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS85 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BAS85
Description  SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAS85 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BAS85 Datasheet HTML 1Page - EIC discrete Semiconductors BAS85 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS85
SCHOTTKY BARRIER DIODE
FEATURES :
* For general purpose applications.
* This diode features low turn-on voltage.
* This device isprotected by a PN junction guard
guard ring against excessive voltage, such as
electrostatic discharges
* This diode is also available in the DO-35 case
with type designation BAT85.
* Pb / RoHS Free
MECHANICAL DATA :
Case: MiniMELF Glass Case (SOD-80C)
Weight: approx. 0.05g
Maximum Ratings and Thermal Characteristics (Rating at 25 °C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
Continuous Reverse Voltage
VR
V
Continuous Forward Current
IF
mA
Peak Forward Current
IFM
mA
Forward Surge Current (tp < 1s)
IFSM
mA
Power Dissipation (Infinite Heatsink)
PD
mW
Thermal Resistance Junction to Ambient Air
RθJA
°C/W
Junction Temperature
TJ
°C
Storage temperature range
TSTG
°C
Note: (1) Valid provided that electrodes are kept at ambient temperature.
Electrical Characteristics (Ta = 25 °C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)R
30
-
-
V
Reverse Current
IR
VR = 25 V
-
0.2
2.0
μA
IF = 1mA
-
-
0.32
Forward Voltage
IF = 10mA
-
-
0.40
Pulse Test tp <300
μs ,
δ <2%
IF = 30mA
-
0.5
-
IF = 100mA
-
-
0.80
Diode Capacitance
Cd
VR = 1V, f = 1MHz
-
-
10
pF
IF =10mA to IR = 10mA ,
measured at IR = 1mA
Page 1 of 2
Rev. 03 : July 16, 2010
Test Condition
Parameter
Reverse Recovery Time
VF
Trr
V
ns
IR = 10 µA (pulsed)
5
-
-
125
-55 to + 150
30
200
(1)
300
(1)
600
(1)
200
(1)
430
(1)
Dimensions in inches and ( millimeters )
0.142(3.6)
0.134(3.4)
φ 0.063 (1.64)
0.055 (1.40)
0.019(0.48)
0.011(0.28)
Cathode Mark
MiniMELF (SOD-80C)
Mounting Pad Layout
0.049 (1.25)Min.
0.197 (5.00)
REF
0.098 (2.50)
Max.
0.079 (2.00)Min.
www.eicsemi.com


Similar Part No. - BAS85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS85 PHILIPS-BAS85 Datasheet
25Kb / 5P
Schottky barrier diode
1996 Oct 01
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAS85 DIODES-BAS85 Datasheet
47Kb / 1P
SILICON SCHOTTKY BARRIER DIODE
DS30189 Rev. A-5
logo
General Semiconductor
BAS85 GE-BAS85 Datasheet
42Kb / 2P
Schottky Diodes
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85 Datasheet
311Kb / 3P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
More results

Similar Description - BAS85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com