Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LVC4245A Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74LVC4245A
Description  8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVC4245A Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74LVC4245A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVC4245A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVC4245A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVC4245A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVC4245A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVC4245A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVC4245A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVC4245A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74LVC4245A Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
P-0.2
08/11/03
Product Description
Pericom Semiconductor’s PI74LVC series of logic circuits are
produced using the Company’s advanced submicron CMOS tech-
nology, achieving industry leading speed.
The PI74LVC4245A is a non-inverting 8-bit Bidirectional Trans-
ceiver that uses two separate power supply rails. A-port (VCCA)
is set to operate at 5V and B-port (VCCB) is set to operate at 3.3V.
This allows for translation from a 3.3V to a 5Venvironment and
vice-versa. This tranceiver is designed for asynchronous two-way
communication between data buses.The direction control input pin
(DIR) determines the dataflow from the A bus to the B bus or from
the B bus to the A bus. The output enable (OE) input, when HIGH,
disables both A and B ports by placing them in HIGH Z condi-
tion.
8-Bit Dual Supply Bus Transceiver
with 3-State Outputs
Logic Block Diagram
Product Features
• 4.5V to 5.5V on A-port and 2.7V to 3.6V on B-port
• Latch-up performance exceeds 200mA Per JESD78
• ESD protection exceeds JESD 22
- 2000V Human-Body Model (A114-B)
- 200V Machine Model (A115-A)
• Industrial Temperature: –40°C to +85°C
• Available Packages:
- 24-pin 173-mil wide plastic TSSOP (L)
- 24-pin 150-mil wide plastic QSOP (Q)
- 24-pin 300-mil wide plastic SOIC (S)
PI74LVC4245A
ADVANCE INFORMATION
B1
A1
OE
DIR
B2
A2
B3
A3
B4
A4
B5
A5
B6
A6
B7
A7
B8
A8
2
5
3
4
8
6
7
10
9
22
19
21
20
16
18
17
14
15
Truth Table(1)
Note:
1. H = High Signal Level
L = Low Signal Level
X = Don’t Care or Irrelevant
Z = High Impedance
(5V) VCCA
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
GND
VCCB (3.3V )
VCCB (3.3V )
OE
B1
B2
B3
B4
B5
B6
B7
B8
GND
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
Product Pin Description
Product Pin Configuration
Inputs
Outputs
OE
DIR
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
Z (Isolation)
Pin Name
Description
OE
3-State Output Enable Inputs (Active LOW)
DIR
Direction Control Input
Ax
Side A Inputs or 3-State Outputs
Bx
Side B Inputs or 3-State Outputs
GND
Ground
VCCA,VCCB
Power


Similar Part No. - PI74LVC4245A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVC3245A PERICOM-PI74LVC3245A Datasheet
536Kb / 9P
8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PI74LVC3245AL PERICOM-PI74LVC3245AL Datasheet
536Kb / 9P
8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PI74LVC3245ALE PERICOM-PI74LVC3245ALE Datasheet
430Kb / 9P
8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PI74LVC3245AQ PERICOM-PI74LVC3245AQ Datasheet
536Kb / 9P
8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PI74LVC3245AQE PERICOM-PI74LVC3245AQE Datasheet
430Kb / 9P
8-Bit Dual Supply Bus Transceiver with 3-State Outputs
More results

Similar Description - PI74LVC4245A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74LVC3245A PERICOM-PI74LVC3245A Datasheet
536Kb / 9P
8-Bit Dual Supply Bus Transceiver with 3-State Outputs
logo
Renesas Technology Corp
HD74ALVC165245A RENESAS-HD74ALVC165245A Datasheet
114Kb / 18P
16-Bit Dual-supply Bus Transceiver with 3-state Outputs
HD74ALVC165245A RENESAS-HD74ALVC165245A_05 Datasheet
116Kb / 14P
16-Bit Dual-supply Bus Transceiver with 3-state Outputs
HD74ALVC166245A RENESAS-HD74ALVC166245A Datasheet
113Kb / 13P
16-Bit Dual-supply Bus Transceiver with 3-state Outputs
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74LVC3245ALE PERICOM-PI74LVC3245ALE Datasheet
430Kb / 9P
8-Bit Dual Supply Bus Transceiver with 3-State Outputs
logo
Fairchild Semiconductor
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com