Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LVC4245A Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74LVC4245A
Description  8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVC4245A Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74LVC4245A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVC4245A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVC4245A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVC4245A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVC4245A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVC4245A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVC4245A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVC4245A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74LVC4245A Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PI74LVC4245A
8-Bit Dual Supply Bus Transceiver
with 3-State Outputs
3
P-0.2
08/11/03
ADVANCE INFORMATION
Param-
eters
Description
Test Conditions
VCCA
VCCB
Min.
Typ.(5) Max. Units
VOH
Minimum High Level
Output Voltage
IOH = –100µA
4.5V
2.7V to 3.6V
4.4
4.5
V
5.5V
2.7V to 3.6V
5.4
5.5
IOH = –24mA
4.5V
2.7V to 3.6V
3.7
4.17
5.5V
2.7V to 3.6V
4.7
5.2
VOL
Maximum Low Level
Output Voltage
IOL = 100µA
4.5V
2.7V to 3.6V
0.1
5.5V
2.7V to 3.6V
0.1
IOL = 24mA
4.5V
2.7V to 3.6V
0.19
0.5
5.5V
2.7V to 3.6V
0.19
0.5
II
Maximum Input Leak-
age Current (Control
Inputs)
VI = VCCA or GND
5.5V
2.7V to 3.6V
±1
µA
IOZ(6)
Maximum 3-State
Output Leakage Current
(A port)
VO = VCCA or GND
5.5V
2.7V to 3.6V
±5
ICCA
Quiescent VCCA Supply
Current
VI = VCCA or GND,
IO = 0
5.5V
2.7V to 3.6V
10
∆ ICCA(7)
ICCA per input (A port
and Control Inputs)
One Input at 3.4V, other
inputs at VCCA or GND
5.5V
2.7V to 3.6V
0.65
1.5
mA
CI
Input Capacitance (Con-
trol Inputs)
VI = VCCA or GND
Open
2.7V to 3.6V
2.4
pF
CIO
Input/Output Capaci-
tance (A port)
VO = VCCA or GND
5V
2.7V to 3.6V
9.5
DC Electrical Characteristics (Over Supply Voltage and Operating Temperature Ranges, unless otherwise specified)
A-Port (5V)
Notes:
5. All typical values are measured at VCCA = 5V, TA = 25°C
6. For I/O ports, the parameter IOZ includes the input leakage current.
7. This is the increase in supply current for each input that is at one of the specified voltage levels, rather than 0V or the associated VCC.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com