Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM02N60SA Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM02N60SA
Description  N- Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM02N60SA Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM02N60SA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM02N60SA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM02N60SA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM02N60SA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM02N60SA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM02N60SA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM02N60SA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
Schematic diagram
SOT-23
Applications
High power and current handing capability
RDS(ON) < 85mΩ @VGS = 10V
RDS(ON) < 120mΩ @VGS = 4.5V
VDS=60V, ID=2A
DC/DC Converter
Battery Switch
1.Gate
2.Source
3.Drain
PJM02 60SA
N- Enhancement Mode Field Effect Transistor
1 / 7
Absolute Maximum Ratings
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
V
Continuous Drain Current
ID
2
A
Pulsed Drain Current Note1
IDM
10
A
Operating Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
- 55 to + 150
℃
Thermal Characteristics
www.pingjingsemi.com
Revision:2.0 May-2020
Total Power Dissipation
PD
0.9
W
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction to Ambient Note2
RθJA
139
℃
/
W


Similar Part No. - PJM02N60SA

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM01N20KSA PJSEMI-PJM01N20KSA Datasheet
2Mb / 8P
N-Enhancement Field Effect Transistor
PJM03N10SQ PJSEMI-PJM03N10SQ Datasheet
1Mb / 5P
N-Channel MOSFET
PJM03N60SQ PJSEMI-PJM03N60SQ Datasheet
2Mb / 6P
N- Enhancement Mode Field Effect Transistor
PJM05P30PA PJSEMI-PJM05P30PA Datasheet
889Kb / 5P
P-Enhancement Field Effect Transistor
PJM07P20SA PJSEMI-PJM07P20SA Datasheet
1Mb / 6P
P Enhancement Field Effect Transistor
More results

Similar Description - PJM02N60SA

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM3400NSC PJSEMI-PJM3400NSC Datasheet
3Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM2302NSA-S PJSEMI-PJM2302NSA-S Datasheet
1Mb / 6P
N- Enhancement Mode Field Effect Transistor
PJM3018NSA PJSEMI-PJM3018NSA Datasheet
2Mb / 6P
N- Enhancement Mode Field Effect Transistor
PJM3420NSA PJSEMI-PJM3420NSA Datasheet
1Mb / 6P
N- Enhancement Mode Field Effect Transistor
PJM40H10NTC PJSEMI-PJM40H10NTC Datasheet
791Kb / 6P
N- Enhancement Mode Field Effect Transistor
PJM2302NSC PJSEMI-PJM2302NSC Datasheet
3Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM2304NSA PJSEMI-PJM2304NSA Datasheet
2Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM3402NSC PJSEMI-PJM3402NSC Datasheet
3Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM3404NSC PJSEMI-PJM3404NSC Datasheet
4Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM3416NSC PJSEMI-PJM3416NSC Datasheet
3Mb / 7P
N- Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com