Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM02N60SA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM02N60SA
Description  N- Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM02N60SA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM02N60SA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM02N60SA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM02N60SA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM02N60SA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM02N60SA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM02N60SA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM02N60SA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics (TA=25℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Type
Max
Unit
S
tatic Characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID =250µA
60
V
Zero Gate Voltage Drain Current
IDSS
VDS =60V,VGS = 0V
1
µA
Gate-Body Leakage Current
IGSS
VGS =±20V, VDS = 0V
±100
nA
Gate Threshold Voltage Note3
VGS(th)
VDS =VGS, ID =250µA
1
2
V
Drain-Source On-Resistance Note3
RDS(on)
VGS =10V, ID =3A
105
mΩ
VGS =4.5V, ID =2A
125
Forward Tranconductance Note3
gFS
VDS =15V, ID =2A
3
S
D
ynamic Characteristics
Input Capacitance
Ciss
VDS =30V,VGS =0V,f =1MHz
510
pF
Output Capacitance
Coss
34
Reverse Transfer Capacitance
Crss
26
SWITCHING
Characteristics
Total Gate Charge
Qg
VDS =30V,ID =3A,VGS=4.5V
7.5
nC
Gate-Source Charge
Qgs
1.4
Gate-Drain Charge
Qgd
3
Turn-On Delay Time
td(on)
VGS=10V,VDD=30V,ID =1.5A ,RG=1Ω
6
ns
Turn-On Rise Time
tr
15
Turn-Off Delay Time
td(off)
15
Turn-Off Fall Time
tf
10
Source-Drain Diode characteristics
Body Diode Voltage
VSD
IS=3A,VGS=0V
1.2
V
Notes :
1. Repetitive rating : Pulse width limited by junction temperature.
3. Pulse Test : Pulse Width≤300μs, Duty Cycle≤2%.
2 / 7
PJM02 60SA
N- Enhancement Mode Field Effect Transistor
1.3
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
www.pingjingsemi.com
Revision:2.0 May-2020



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com