Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM138NSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM138NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM138NSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM138NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM138NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM138NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM138NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM138NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM138NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 / 6
Electrical Characteristics (TA=25℃ unless otherwise specified)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
Static Characteristics
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID=250µA
50
V
Drain to Source Leakage Current
IDSS
VDS =50V, VGS= 0V
0.5
µA
VDS =30V, VGS= 0V
100
nA
Gate-body leakage current
IGSS
VGS =±20V,VDS = 0V
±10
µA
Gate threshold voltage Note1
VGS(th)
VDS =VGS, ID =250µA
0.6
1
1.4
V
Drain-source on-resistance Note1
RDS(on)
VGS =10V, ID =0.22A
1
3.5
Ω
VGS =4.5V, ID =0.22A
1.1
6
Ω
Forward tranconductance Note1
gFS
VDS =10V, ID =0.22A
0.13
S
Dynamic characteristics
Input Capacitance
Ciss
VDS =25V,VGS =0V,f=1MHz
26.5
pF
Output Capacitance
Coss
12.9
Reverse Transfer Capacitance
Crss
5.9
Switching Characteristics
Turn-on delay time
td(on)
VGS=10V,VDD=30V,ID=0.29A
,RGEN =6Ω,
5
ns
Turn-on rise time
tr
18
Turn-off delay time
td(off)
36
Turn-off fall time
tf
14
Source-Drain Diode characteristics
Diode Forward voltage Note1
VSD
VGS =0V, IS=0.44A
1.4
V
Notes :
1. Pulse test : pulse width≤300μs, duty cycle≤2%.
PJM138NSA
N- Enhancement Mode Field Effect Transistor
www.pingjingsemi.com
Revision:2.0 Jan-2019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com