Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM138NSA Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM138NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM138NSA Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM138NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM138NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM138NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM138NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM138NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM138NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 / 6
Typical Characteristic Curves
D
S
SD
GS
D
GS
J
Output Characteristics
500
400
Transfer Characteristics
400
320
300
240
200
160
100
80
0
0
1
2
3
4
0
0.8
1.2
1.6
2.0
2.4
Drain to Source Voltage V (V)
Gate to Source Voltage V (V)
R
1.5
DS(ON)——I
DS(ON)
5
——V
4
1.2
3
2
0.9
1
0.6
0.2
0.4
0.6
0.8
0
1
2
3
4
5
Drain Current I (A)
Gate to Source Voltage V (V)
I ——V
1
Threshold Voltage
1.2
0.1
1.0
0.01
0.8
1E-3
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.6
25
50
75
100
125
Source to Drain Voltage V (V)
Juction Temperature T (℃)
Plused
T =125℃
a
T =25℃
a
Ta=25℃
Plused
GS
V =10
GS
V
V =4.5V
a
T =25
a
℃
ID=500mA
Plused
T =125℃
V =1
GS
0V
V =4
GS
V
V =2
GS
V
V =3V
GS
Ta=25℃
Pl sed
V =3V
DS
Plused
T =125℃
a
Ta=25℃
SD
=250uA
I
D
DS
GS
R
PJM138NSA
N- Enhancement Mode Field Effect Transistor
www.pingjingsemi.com
Revision:2.0 Jan-2019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com