Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM2306NSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2306NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2306NSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2306NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID =250µA
30
V
Gate-Body Leakage
IGSS
VDS =0V, VGS =±20V
±100
nA
Drain-Source On-Resistance Note3
RDS(on)
VGS =10V, ID =3.5A
38
47
mΩ
VGS =4.5V, ID =2.8A
52
65
Forward Transconductance Note3
gfs
VDS =4.5V, ID =2.5A
7
S
Input Capacitance
Ciss
VDS =15V,VGS =0V,f =1MHz
305
pF
Output Capacitance
Coss
65
Reverse Transfer Capacitance
Crss
29
Turn-On Delay Time
td(on)
VDD=15V, RL=15Ω, ID ≈1A,
VGEN=10V,Rg=6Ω
7
11
ns
Rise Time
tr
12
18
Turn-Off Delay Time
td(off)
14
25
Fall Time
tf
6
10
PJM2306NSA
N- Enhancement Mode Field Effect Transistor
2 / 6
www.pingjingsemi.com
Revision:1.1 Dec-2018
Electrical Characteristics
TA=25℃ unless otherwise noted
Static Characteristics
Zero Gate Voltage Drain Current
IDSS
VDS =30V, VGS =0V
0.5
µA
Gate-Threshold Voltage Note3
VGS(th)
VDS =VGS, ID =250µA
1
3
V
Dynamic Characteristics
Switching Characteristics
Diode Forward Voltage
VSD
IS=1.25A,VGS=0V
0.8
1.2
V
Drain-Source Diode Characteristics
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
Total Gate Charge
Qg
VDS =15V,VGS =10V,ID =2.5A
6
9
Gate-Source Charge
Qgs
1.6
Gate-Drain Charge
Qgd
0.6
nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com