Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM2306NSA Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2306NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2306NSA Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2306NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0.0
0.4
0.8
1.2
1.6
2.0
0.1
1
10
01
23
4
0
4
8
12
16
20
01
23
456
78
9
10
0
10
20
30
40
50
60
70
80
01
23
456
78
9
10
0
100
200
300
400
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
0
2
4
6
8
10
12
14
25
50
75
100
125
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
T
a=100
℃
Pulsed
V
SD
I
S ——
T
a=25
℃
Pulsed
SOURCE TO DRAIN VOLTAGE V
SD
(V)
V
GS=7V
V
GS=6V
V
GS=5V
V
GS=4V
Output Characteristics
V
GS=3V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
VGS=4.5V
VGS=10V
T
a=25
℃
Pulsed
DRAIN CURRENT I
D
(A)
I
D
——
R
DS(ON)
T
a=100
℃
Pulsed
T
a=25
℃
Pulsed
GATE TO SOURCE VOLTAGE V
GS
(V)
V
GS
——
R
DS(ON)
ID=2.5A
VDS=3V
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
a=100
℃
T
a=25
℃
I
D=-250uA
Threshold Voltage
JUNCTION TEMPERATURE T
j
( )
℃
PJM2306NSA
N- Enhancement Mode Field Effect Transistor
3 / 6
www.pingjingsemi.com
Revision:1.1 Dec-2018
Typical Characteristics Curves



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com