Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM3402NSA Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3402NSA
Description  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3402NSA Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3402NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PJM3402NSA
N-Channel MOSFET
www.pingjingsemi.com
1 / 7
Revision:1.0 Mar-2018
Load Switch
PWM Applications
Absolute Maximum Ratings
Ratings at TA =25℃ unless otherwise specified.
Parameter
Symbol
Maximum
Units
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±12
V
ID
4
Pulsed Drain Current Note1
IDM
15
Power Dissipation
PD
1.2
W
Junction and Storage Temperature Range
TJ, TSTG
150, -55 to 150
°C
Thermal Characteristics
Parameter
Symbol
Typ.
Units
Maximum Junction-to-Lead
RθJL
63
°C/W
Fast Switching
Low RDS(ON) and Gate Charge
Low Reverse Transfer Capacitance
Features
Applications
SOT-23
1
2
Gate
Source
3Drain
Schematic diagram
1. Gate 2.Source 3.Drain
Marking: R2
A
Continuous Drain Current
A
Maximum Junction-to-Ambient Note2
RθJA
104
°C/W


Similar Part No. - PJM3402NSA

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM3402NSC PJSEMI-PJM3402NSC Datasheet
3Mb / 7P
N- Enhancement Mode Field Effect Transistor
More results

Similar Description - PJM3402NSA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com