Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM3402NSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3402NSA
Description  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3402NSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3402NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3402NSA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PJM3402NSA
N-Channel MOSFET
www.pingjingsemi.com
2 / 7
Revision:1.0 Mar-2018
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Static Parameters
Drain-Source Breakdown Voltage
BVDSS ID=250µA, VGS=0V
30
--
--
V
Zero Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
--
--
1
µA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±12V
--
--
±100
nA
Gate Threshold Voltage Note3
VGS(th) VDS=VGS, ID=250µA
0.7
--
1.5
V
Static Drain-Source On-Resistance
Note3
RDS(ON)
VGS=10V, ID=2.0A
--
--
52
mΩ
VGS=4.5V, ID=2.0A
--
--
65
mΩ
Dynamic Parameters
Input Capacitance
Ciss
VGS=0V, VDS=15V, f=1MHz
--
235
--
pF
Output Capacitance
Coss
--
35
--
pF
Reverse Transfer Capacitance
Crss
--
18
--
pF
Switching Parameters
Total Gate Charge
Qg
VGS=10V, VDS=15V, ID=4A
--
10
--
nC
Gate Source Charge
Qgs
--
0.95
--
nC
Gate Drain Charge
Qgd
--
1.6
--
nC
Turn-On DelayTime
tD(on)
VGS=10V, VDS=15V,
RL=3.75Ω, RGEN =3Ω
--
3.5
--
ns
Turn-On Rise Time
tr
--
1.5
--
ns
Turn-Off DelayTime
tD(off)
--
17.5
--
ns
Turn-Off Fall Time
tf
--
2.5
--
ns
Electrical Characteristics (TJ = 25℃)
Source-Drain Diode characteristics
Body Diode Forward Voltage
VSD
IS=1A, VGS=0V
--
0.75
1.5
V
Forward Transconductance Note3
gFS
VDS=5V, ID=3.6A
--
14
--
S
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com