Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS202011SCQN Datasheet(PDF) 23 Page - Microchip Technology

Part # JS202011SCQN
Description  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

JS202011SCQN Datasheet(HTML) 23 Page - Microchip Technology

Back Button JS202011SCQN Datasheet HTML 19Page - Microchip Technology JS202011SCQN Datasheet HTML 20Page - Microchip Technology JS202011SCQN Datasheet HTML 21Page - Microchip Technology JS202011SCQN Datasheet HTML 22Page - Microchip Technology JS202011SCQN Datasheet HTML 23Page - Microchip Technology JS202011SCQN Datasheet HTML 24Page - Microchip Technology JS202011SCQN Datasheet HTML 25Page - Microchip Technology JS202011SCQN Datasheet HTML 26Page - Microchip Technology JS202011SCQN Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Software GUI Description
 2017 Microchip Technology Inc.
DS50002673A-page 23
3.4
SAMPLE RATE AND DISPLAY CONTROLS
Figure 3-8 shows the Sample Rate window, located to the right of the Alert window.
FIGURE 3-8:
SAMPLE RATE WINDOW
Clicking the value for the Rate (Samples/s) option (1) opens the drop-down menu with
the available programmable sample rates for the PAC1934, shown in Figure 3-9.
Sleep mode and One Shot mode are two of the options that can be selected. In One
Shot mode, a new round of results are collected when a refresh command is sent with
the Refresh button right above the Sample Rate window.
FIGURE 3-9:
SAMPLE RATE WINDOW - DROP-DOWN MENU
As seen in Figure 3-8, different values can also be entered for Refresh Period (2) and
Time to Show (3). Refresh Period determines how often the GUI reads the results from
the PAC1934. This is limited to 50 ms maximum by the ADM00805 Evaluation Board
hardware, not the PAC1934. The GUI performs the reading by sending a REFESH_V
command to the PAC1934 and then reads all of the results registers.
Time to Show determines the time span shown on the X axis for the plots. After chang-
ing the Refresh Period of Time to show values, click the Set button to ensure that the
new values take effect. When new values are typed in, they are displayed in red. When
the Set button is clicked, the new values change to black.
The two radio buttons (4) at the bottom of the window control the format for the dis-
played data for both the large Raw Data screen and for the log file. The options show
results in one of two ways:
• Calculated Values, which takes the Sense Resistor and full scale range values
into account for calculating current, voltage and power;
• Register Values, which shows the actual values in the registers, converted to decimal.
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com