Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS202011SCQN Datasheet(PDF) 31 Page - Microchip Technology

Part # JS202011SCQN
Description  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

JS202011SCQN Datasheet(HTML) 31 Page - Microchip Technology

Back Button JS202011SCQN Datasheet HTML 27Page - Microchip Technology JS202011SCQN Datasheet HTML 28Page - Microchip Technology JS202011SCQN Datasheet HTML 29Page - Microchip Technology JS202011SCQN Datasheet HTML 30Page - Microchip Technology JS202011SCQN Datasheet HTML 31Page - Microchip Technology JS202011SCQN Datasheet HTML 32Page - Microchip Technology JS202011SCQN Datasheet HTML 33Page - Microchip Technology JS202011SCQN Datasheet HTML 34Page - Microchip Technology JS202011SCQN Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
Hardware Description
 2017 Microchip Technology Inc.
DS50002673A-page 31
J30 may be used to provide external power in place of the +5V USB power derived from
VBUS if the USB is not connected. J30 is labeled 5V, but external voltages applied to
the pin labeled 5V may be anywhere from 5.5V to 2.7V. This may be needed if the
external I2C signals are used with no USB connection
J25 sets the I2C/SMBus address to 20h when the shunt is in place. Removing the shunt
on J25 changes the address to 22h. Replacing R22 allows selection of other addresses
(see the PAC1934 Data Sheet).
The shunt on J23 pulls the SLOW pin to ground, so the device is operating at the pro-
grammed sample rate. Removing this shunt selects an 8 Hz sample rate for low power
operation. The PAC1934 has a unique feature in that the status of this pin is tracked in
a register bit. This allows the GUI to change the displayed sample rate to 8 Hz when
the SLOW pin goes high. This is useful in real applications as well, when the user goes
to a SLOW sample rate and wants to capture the energy usage before and after the
SLOW pin transition. Requirements like this can also benefit from the features
described for the SLOW register settings, where the device can automatically be
refreshed by a SLOW pin transition.
4.9
DIRECT EXTERNAL I2C CONNECTION
The ADM00805 can be used with direct I2C control from a PC running Windows®,
Linux® or other digital controller. VDD_IO may need a different voltage for external I2C
use than the default settings for USB control. This is easily implemented by moving
SW1 from the ON/5V position used for USB control to the OFF/EXT position used for
external I2C control. Connect the external SCA and SCL signals is then required, along
with the power (VIO) and ground used for these I2C signals, to J27. Generally, the user
will not be able to use the PAC193x Demo Application with direct I2C connection.
For Windows® 10 systems, the user can embed sense resistors in series with the
power rails to be monitored/measured, interface to the ADM00805 with direct I2C con-
nections and use the Windows® 10 driver to interface the energy metering functions
with the OS.
4.10 JUMPER CONNECTIONS - DEFAULT CONFIGURATION AND OTHER
INFORMATION TABULATED
Table 4-1 shows the default configuration for the shunts on the board to achieve the
functionality described in the Section 1.1 “Introduction”. Using this table with the
schematic will give a good understanding of the default configuration. In the DEMO
mode and SYSTEM/SHUNT mode columns of Table 4-1, a dash (—) means that no
jumper is installed or that there is no information needed in this cell. Numbers 12 and
23 mean that the jumper is installed either between the pins 1 and 2 (12) or between
the pins 2 and 3 (23).
TABLE 4-1:
DEFAULT SHUNT CONNECTIONS
Jumper
no.
DEMO mode
SYSTEM/SHUNT mode
Special connection
Options/Info
1
External source
Channel 1 +input, GND,
channel 1 –input
2
External source
Channel 2 +input, GND,
channel 2 –input
3
External source
Channel 3 +input, GND,
channel 3 –input
4
External source
Channel 4 +input, GND,
channel 4 –input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com