Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7545ARPFS Datasheet(PDF) 6 Page - Maxwell Technologies

Part # 7545ARPFS
Description  12-Bit Buffered Multiplying Digital to Analog Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7545ARPFS Datasheet(HTML) 6 Page - Maxwell Technologies

  7545ARPFS Datasheet HTML 1Page - Maxwell Technologies 7545ARPFS Datasheet HTML 2Page - Maxwell Technologies 7545ARPFS Datasheet HTML 3Page - Maxwell Technologies 7545ARPFS Datasheet HTML 4Page - Maxwell Technologies 7545ARPFS Datasheet HTML 5Page - Maxwell Technologies 7545ARPFS Datasheet HTML 6Page - Maxwell Technologies 7545ARPFS Datasheet HTML 7Page - Maxwell Technologies 7545ARPFS Datasheet HTML 8Page - Maxwell Technologies 7545ARPFS Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
12-Bit Buffered Multiplying
Digital to Analog Converter
7545A
02.05.02 Rev 4
D20-01
Note: All dimensions in inches
20 PIN RAD-PAK® DUAL IN LINE PACKAGE
SYMBOL
DIMENSION
MIN
NOM
MAX
A
--
0.202
0.230
b
0.014
0.018
0.026
b2
0.045
0.050
0.065
c
0.008
0.010
0.018
D
--
1.000
1.060
E
0.220
0.290
0.310
eA
0.300 BSC
eA/2
0.150 BSC
e
0.100 BSC
L
0.125
0.145
0.155
Q
0.015
0.045
0.070
S1
0.005
0.025
--
S2
0.005
--
--
N20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com