Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7545ARPFS Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 7545ARPFS
Description  12-Bit Buffered Multiplying Digital to Analog Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7545ARPFS Datasheet(HTML) 2 Page - Maxwell Technologies

  7545ARPFS Datasheet HTML 1Page - Maxwell Technologies 7545ARPFS Datasheet HTML 2Page - Maxwell Technologies 7545ARPFS Datasheet HTML 3Page - Maxwell Technologies 7545ARPFS Datasheet HTML 4Page - Maxwell Technologies 7545ARPFS Datasheet HTML 5Page - Maxwell Technologies 7545ARPFS Datasheet HTML 6Page - Maxwell Technologies 7545ARPFS Datasheet HTML 7Page - Maxwell Technologies 7545ARPFS Datasheet HTML 8Page - Maxwell Technologies 7545ARPFS Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
12-Bit Buffered Multiplying
Digital to Analog Converter
7545A
02.05.02 Rev 4
TABLE 1. 7545A PINOUT DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
OUT 1
Output Current
2
AGND
Analog Ground
3
DGND
Digital Ground
4
DB 11
Data Bit 11 (MSB)
5
DB 10
Data Bit 10
6
DB 9
Data Bit 9
7
DB 8
Data Bit 8
8
DB 7
Data Bit 7
9
DB 6
Data Bit 6
10
DB 5
Data Bit 5
11
DB 4
Data Bit 4
12
DB 3
Data Bit 3
13
DB 2
Data Bit 2
14
DB 1
Data Bit 1
15
DB 0
Data Bit 0 (LSB)
16
CS
Chip Select (Active Low)
17
WR
Write (Active Low)
18
V
DD
Digital Supply Voltage
19
V
REF
Reference Input
20
RFB
Feedback Resistance
TABLE 2. 7545A ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNIT
V
DD to DGND
--
-0.3
17
V
Digital Input Voltage to DGND
--
-0.3
V
DD + 0.3
V
V
RFB, VREF to DGND
--
--
25
V
V
PIN1 to DGND
--
-0.3
V
DD + 0.3
V
AGND to DGND
--
-0.3
V
DD + 0.3
V
Power Dissipation to 75 °CP
D
--
450
mW
Thermal Impedance — Flat Package
Θ
JC
--
6.08
°C/W
Thermal Impedance — DIP Package
Θ
JC
--
6.04
°C/W
Operating Temperature
--
-55
125
°C
Storage Temperature Range
T
S
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com