Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 20 Page - Microchip Technology

Part # 5000
Description  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

5000 Datasheet(HTML) 20 Page - Microchip Technology

Back Button 5000 Datasheet HTML 16Page - Microchip Technology 5000 Datasheet HTML 17Page - Microchip Technology 5000 Datasheet HTML 18Page - Microchip Technology 5000 Datasheet HTML 19Page - Microchip Technology 5000 Datasheet HTML 20Page - Microchip Technology 5000 Datasheet HTML 21Page - Microchip Technology 5000 Datasheet HTML 22Page - Microchip Technology 5000 Datasheet HTML 23Page - Microchip Technology 5000 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
PAC1934 Evaluation Board (ADM00805) User’s Guide
DS50002673A-page 20
 2017 Microchip Technology Inc.
3.2
TOP MENU
As seen in Figure 3-1, the Device window (1) shows the device on the board and its
I2C address; some parts have a serial number that is displayed.
When clicked, the Settings button (3) displays a drop-down menu with two options: Set
Constants and Slow Register, as shown in Figure 3-3.
Note that you need to stop the acquisition process in order to have access to the Slow
Register. It is recommended that the acquisition process is stopped before changing
the values in the Set Constants Menu. Any changes to these values do not take effect
until the start of the acquisition.
FIGURE 3-3:
SETTINGS DROP-DOWN MENU
The Set Constants option opens the Sense Resistor Values dialog box when clicked,
displayed in Figure 3-4. The default values shown are the sense resistor values in
DEMO mode. Enter a new value in ohms if the SYSTEM/SHUNT mode is used or if a
different value of sense resistor is used (see Section 3.3 “PAC Settings section”).
FIGURE 3-4:
SENSE RESISTOR VALUES DIALOG BOX
Selecting the Slow Register option opens the Refresh Commands dialog box, displayed in
Figure 3-5, which allows the user to select which type of refresh commands, if any, occur
on the rising and falling edge of the SLOW pin transitions. Select the desired options and
the GUI programs the Slow Register (0x20) in the PAC1934 appropriately (see the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com