Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 34 Page - Microchip Technology

Part # 5000
Description  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

5000 Datasheet(HTML) 34 Page - Microchip Technology

Back Button 5000 Datasheet HTML 30Page - Microchip Technology 5000 Datasheet HTML 31Page - Microchip Technology 5000 Datasheet HTML 32Page - Microchip Technology 5000 Datasheet HTML 33Page - Microchip Technology 5000 Datasheet HTML 34Page - Microchip Technology 5000 Datasheet HTML 35Page - Microchip Technology 5000 Datasheet HTML 36Page - Microchip Technology 5000 Datasheet HTML 37Page - Microchip Technology 5000 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
A.2
ADM00805 EVALUATION BOARD - SCHEMATIC
1
2
3
J1
10000pF
0603
DNP
C3
0.1uF
16V
0402
C12
2.2uF
10V
0402
C11
GND
PWRDN
SLOW
Close J27(default) = 0010_000xb -> 20h
Open J27 = 0010_001xb -> 22h
1
1 2
J25
499R
0603
1%
R22
IN1+
IN1-
IN2+
IN2-
IN3+
IN3-
IN4+
IN4-
ADDR
ADDR
10R
0603
1%
R24
4.7k
0603
1%
R17
4.7k
0603
1%
R18
0.1uF
16V
0402
C10
2.2uF
10V
0402
C9
10R
0603
1%
R19
NT1
NT3
NT2
NT4
0.1uF
0603
C13
J22
VIO
GND
SLOW
SLOW
PWRDN
PWRDN
GND
GND
0.004R
2512
1%
3
4
R1
GND
10k
0603
1%
R23
0R
0603
R14
0R
0603
R13
10000pF
0603
DNP
C7
1%
1R
1206
R6
Idemo
J7
J6
J3_2
J4_2
Mode Select:
SYS: 1-2
DEMO: 2-3
J8
J9
Mode Select:
SYS: 1-2
DEMO: 2-3
1R
1206
1%
R5
1
2
3
J2
0.004R
2512
1%
3
4
R2
10000pF
0603
DNP
C2
GND
0R
0603
R12
0R
0603
R11
10000pF
0603
DNP
C6
GND
GND
GND
1%
1R
1206
R7
J10
J11
Mode Select:
SYS: 1-2
DEMO: 2-3
1
2
3
J3
0.004R
2512
1%
3
4
R3
10000pF
0603
DNP
C1
GND
0R
0603
R10
0R
0603
R9
10000pF
0603
DNP
C5
1%
1R
1206
R8
J12
J13
Mode Select:
SYS: 1-2
DEMO: 2-3
1
2
3
J4
0.004R
2512
1%
3
4
R4
10000pF
0603
DNP
C4
GND
0R
0603
R16
0R
0603
R15
10000pF
0603
DNP
C8
10k
0603
1%
R20
10k
0603
1%
DNP
R21
GND
1
1 2
J23
1
1 2
J24
J17
J16
J15
J14
J21
1
2
3
4
J19
J18
1234
J20
VDD_IO
PWRDN
SCL
GND
SDA
IN3+
IN3-
IN2+
IN2-
+5V_USB
1
1 2
J5
PAC1934
SENSE2+
A1
SENSE1-
A2
SENSE1+
A3
VDD
A4
SENSE2-
B1
VDD I/O
B2
PWRDN
B3
GND
B4
SENSE3-
C1
ADDRSEL
C2
SLOW/ALERT
C3
SM_CLK
C4
SENSE3+
D1
SENSE4-
D2
SENSE4+
D3
SM_DATA
D4
SENSE2+
SENSE1-
SENSE1+
VDD
SENSE2-
VDD I/O
PWRDN
GND
SENSE3-
ADDRSEL
SLOW/ALERT
SM_CLK
SENSE3+
SENSE4-
SENSE4+
SM_DATA
U1
IN1+
IN1-
IN2+
IN2-
IN3+
IN3-
IN4+
IN4-
+5V_USB
SCL
SDA
VIO
VIO
VIO
VIO
SCL
SDA
GND
GND
GND
IN+_VDD
IN-_VDD
IN-_VIO
IN+_VIO
GND
J29
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com