Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CS-RPU-W Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E5CS-RPU-W
Description  Temperature Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-RPU-W Datasheet(HTML) 1 Page - Omron Electronics LLC

  E5CS-RPU-W Datasheet HTML 1Page - Omron Electronics LLC E5CS-RPU-W Datasheet HTML 2Page - Omron Electronics LLC E5CS-RPU-W Datasheet HTML 3Page - Omron Electronics LLC E5CS-RPU-W Datasheet HTML 4Page - Omron Electronics LLC E5CS-RPU-W Datasheet HTML 5Page - Omron Electronics LLC E5CS-RPU-W Datasheet HTML 6Page - Omron Electronics LLC E5CS-RPU-W Datasheet HTML 7Page - Omron Electronics LLC E5CS-RPU-W Datasheet HTML 8Page - Omron Electronics LLC E5CS-RPU-W Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CSM_E5CS_DS_E_5_3
Temperature Controllers
E5CS
Simple Functions in DIN 48
× 48 mm-size
Plug-in Temperature Controllers
• Easy setting using DIP switch.
• Models with two alarms added to Series, ideal for applications
requiring alarms.
• Universal-input (thermocouple/platinum resistance
thermometer) models also available.
• Clearly visible digital display with character height of 13.5 mm.
• RoHS compliant.
Refer to Safety Precautions for All Temperature
Controllers.
Refer to E5CS/E5CSV Operation for
operating procedures.
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Model Number Structure
■ Model Number Legend
Plug-in Models
3
Note: A functional explanation is provided here for illustration, but models are not necessarily available for all possible combinations. Refer to
Ordering Information
when ordering.
Examples
• Relay control output, without alarm, thermocouple input, plug-in construction, light gray case: E5CS-RKJU-W
• Relay control output, one alarm output, platinum resistance thermometer input, plug-in construction, light gray case: E5CS-R1PU-W
1 2 3 45
6
E5CS-
@@@@U-W
1. Control Outputs
R: Relay
Q: Voltage for driving SSR
2. Alarm Outputs
Blank: No alarm
1:
1 alarm
2:
2 alarms
3. Input
KJ: Thermocouple
P:
Platinum resistance thermometer
G: Thermistor
T:
Thermocouple/platinum resistance
thermometer (universal-input)
4. Power Supply Voltage
Blank: 100 to 240 VAC
D:
24 VAC/VDC
5. Terminal Shape
U:
Plug-in
6. Case Color
W:
Light gray


Similar Part No. - E5CS-RPU-W

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CS-R1KJX OMRON-E5CS-R1KJX Datasheet
173Kb / 12P
Temperature Controller DIN-sized (48��48 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
E5CS-R1KJX-F OMRON-E5CS-R1KJX-F Datasheet
472Kb / 10P
Temperature Controller E5CS--X
E5CS-RKJX OMRON-E5CS-RKJX Datasheet
173Kb / 12P
Temperature Controller DIN-sized (48��48 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
More results

Similar Description - E5CS-RPU-W

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CN OMRON-E5CN Datasheet
778Kb / 24P
Digital Temperature Controllers
logo
Extech Instruments Corp...
48VFL11 EXTECH-48VFL11 Datasheet
134Kb / 1P
Temperature PID Controllers
logo
Omron Electronics LLC
E53-C3 OMRON-E53-C3 Datasheet
141Kb / 9P
Temperature Controllers
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
Digital Temperature Controllers/Digital Controllers
logo
List of Unclassifed Man...
TOS-B4RK2C ETC2-TOS-B4RK2C Datasheet
115Kb / 1P
ANALOGUE TEMPERATURE CONTROLLERS
logo
Extech Instruments Corp...
48VFL11 EXTECH-48VFL11_15 Datasheet
134Kb / 1P
Temperature PID Controllers
48VFL13 EXTECH-48VFL13_15 Datasheet
134Kb / 1P
Temperature PID Controllers
96VFL11 EXTECH-96VFL11_15 Datasheet
134Kb / 1P
Temperature PID Controllers
96VFL13 EXTECH-96VFL13_15 Datasheet
134Kb / 1P
Temperature PID Controllers
logo
Omron Electronics LLC
E5XZ OMRON-E5XZ Datasheet
5Mb / 64P
Digital Temperature Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com