Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CS-RPU-W Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E5CS-RPU-W
Description  Temperature Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-RPU-W Datasheet(HTML) 3 Page - Omron Electronics LLC

  E5CS-RPU-W Datasheet HTML 1Page - Omron Electronics LLC E5CS-RPU-W Datasheet HTML 2Page - Omron Electronics LLC E5CS-RPU-W Datasheet HTML 3Page - Omron Electronics LLC E5CS-RPU-W Datasheet HTML 4Page - Omron Electronics LLC E5CS-RPU-W Datasheet HTML 5Page - Omron Electronics LLC E5CS-RPU-W Datasheet HTML 6Page - Omron Electronics LLC E5CS-RPU-W Datasheet HTML 7Page - Omron Electronics LLC E5CS-RPU-W Datasheet HTML 8Page - Omron Electronics LLC E5CS-RPU-W Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
E5CS
3
Specifications
■ Ratings
Note: Do not use an inverter output as the power supply. (Refer to Safety Precautions for All Temperature Controllers.)
Supply voltage
100 to 240 VAC, 50/60 Hz
24 VAC, 50/60 Hz; 24 VDC
Operating voltage range
85% to 110% of rated supply voltage
Power consumption
100 to 240 VAC: 5 VA
24 VAC: 3 VA, 24 VDC: 2 W
Sensor input
Thermocouple:
K, J, L
Platinum resistance thermometer:
Pt100, JPt100
Thermistor:
E52-THE
@@
Universal-input (thermocouple/platinum resistance thermometer): K, J, L, T, U, N, R, Pt100, JPt100
Control
output
Relay output
SPDT, 250 VAC, 3 A (resistive load)
Voltage output
(for driving the SSR)
12 VDC, 21 mA (with short-circuit protection circuit)
Control method
ON/OFF or 2-PID (with automatic PID parameter setting function)
Alarm output
SPST-NO, 250 VAC, 1A (resistive load)
Setting method
Digital setting using front panel keys
Indication method
7-segment digital display (character height: 13.5 mm) and deviation indicators
Other functions
• Setting change prohibit (key protection)
• Input shift
• Temperature unit change (
°C/°F)
• Direct/reverse operation
• Temperature range, Sensor switching (K/J/L, Pt100/JPt100)
• Switching is performed between a thermocouple and platinum resistance thermometer for universal-input
models.
• Control period switching
• 8-mode alarm output
• Sensor error detection (excluding thermistor models)
Ambient operating
temperature
−10 to 55°C (with no condensation or icing); with 3-year guarantee: −10 to 50°C
Ambient operating humidity
25% to 85%
Storage temperature
−25 to 65°C (with no condensation or icing)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com