Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1202A2 Datasheet(PDF) 43 Page - Diodes Incorporated

Part # PI3DPX1202A2
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A2 Datasheet(HTML) 43 Page - Diodes Incorporated

Back Button PI3DPX1202A2 Datasheet HTML 39Page - Diodes Incorporated PI3DPX1202A2 Datasheet HTML 40Page - Diodes Incorporated PI3DPX1202A2 Datasheet HTML 41Page - Diodes Incorporated PI3DPX1202A2 Datasheet HTML 42Page - Diodes Incorporated PI3DPX1202A2 Datasheet HTML 43Page - Diodes Incorporated PI3DPX1202A2 Datasheet HTML 44Page - Diodes Incorporated PI3DPX1202A2 Datasheet HTML 45Page - Diodes Incorporated PI3DPX1202A2 Datasheet HTML 46Page - Diodes Incorporated PI3DPX1202A2 Datasheet HTML 47Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
43 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
6.3
DisplayPort 1.2 Test Report
Internal DisplayPort test setup is shown below for the reference.
Figure 6-13: DisplayPort Test Set-up
Table 6-1: CTS Trace card insertion loss information
DP FR4 trace
0 in
6 in
12 in
18 in
24 in
30 in
36 in
Insertion loss @
5.4Gbps
-5.27 dB
-7.24 dB
-9.21 dB
-11.75 dB
-13.28 dB
-15.27 dB
-19.08 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com