Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1202A2 Datasheet(PDF) 50 Page - Diodes Incorporated

Part # PI3DPX1202A2
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A2 Datasheet(HTML) 50 Page - Diodes Incorporated

Back Button PI3DPX1202A2 Datasheet HTML 43Page - Diodes Incorporated PI3DPX1202A2 Datasheet HTML 44Page - Diodes Incorporated PI3DPX1202A2 Datasheet HTML 45Page - Diodes Incorporated PI3DPX1202A2 Datasheet HTML 46Page - Diodes Incorporated PI3DPX1202A2 Datasheet HTML 47Page - Diodes Incorporated PI3DPX1202A2 Datasheet HTML 48Page - Diodes Incorporated PI3DPX1202A2 Datasheet HTML 49Page - Diodes Incorporated PI3DPX1202A2 Datasheet HTML 50Page - Diodes Incorporated PI3DPX1202A2 Datasheet HTML 51Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
50 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
D
B
C
Access Hole at
Slot Location (40 mm min Dia)
W3
W2(measured at hub)
W1(measured at hub)
Width=2.5mm Min,
Depth=10.0mm Min
A
Table 7-3: Reel dimensions by tape size
Tape Size A
N (Min)
See Note A
W1
W2(Max)
W3
B (Min)
C
D
(Min)
8mm
178
±2.0mm or
330±2.0mm
60 ±2.0mm or
100±2.0mm
8.4 +1.5/-0.0 mm
14.4 mm
Shall Ac-
commodate
Tape Width
Without
Interference
1.5mm
13.0 +0.5/-
0.2 mm
20.2mm
12mm
12.4 +2.0/-0.0 mm
18.4 mm
16mm
330 ±2.0mm
100 ±2.0mm
16.4 +2.0/-0.0 mm
22.4 mm
24mm
24.4 +2.0/-0.0 mm
30.4 mm
32mm
32.4 +2.0/-0.0 mm
38.4 mm
44mm
44.4 +2.0/-0.0 mm
50.4 mm
NOTE:
A. If reel diameter A=178 ±2.0mm, then the corresponding hub diameter (N(min) will by 60 ±2.0mm. If reel diameter A=330±2.0mm, then the corresponding hub
diameter (N(min)) will by 100±2.0mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com