Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1203B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI3DPX1203B
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1203B Datasheet(HTML) 3 Page - Diodes Incorporated

  PI3DPX1203B Datasheet HTML 1Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 2Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 3Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 4Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 5Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 6Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 7Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 8Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
3 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
2.3
Power Consumption Comparison
Swing, Preemphsetting
x4 IDD
Improve
x4 Old
DP1201
x4 New
DPX1202
Units
400mV_0dB
55%
309
138
mA
400mV_3.5dB
38%
338
211
mA
400mV_6dB
32%
358
242
mA
400mV_9.5dB
26%
390
289
mA
600mV_0dB
52%
321
155
mA
600mV_3.5dB
34%
381
252
mA
600mV_6dB
24%
388
294
mA
800mV_0dB
40%
332
197
mA
800mV_3.5dB
27%
396
289
mA
1200mV_0dB
36%
351
225
mA
Average Total Current
36%
356
229
mA
Average Total Power
36%
1175
756
mW
0%
10%
20%
30%
40%
50%
60%
0
50
100
150
200
250
300
350
400
450
Power Consumption Comparison
x4 IDD Improve
x4 Old DP1201
x4 New DPX1202
2.4
Output Eye Waveforms with different Pre-channel length
Output Eye Opening with Input Equalization, 5.4 Gbps, Vdd=3.3V, 25C with PRBS 2^7-1 pattern, Input/Output Swing=800mVd
No Trace, EQ=0101 (2.25dB)
PreCH =6”, EQ=0101 (3.5dB)
PreCH =12”, EQ=1001 (4.6dB)
PreCH=18”, EQ=0001 (4.6dB)
PreCH=24”, EQ=1011 (6.1dB)
PreCH=30”, EQ=1011 (6.1dB)
PreCH=36”, EQ=1101 (8.2dB)
PreCH=42”, EQ=1101 (8.2dB)
Figure 2-1: Pre-channel length/insertion loss and EQ compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com