Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1203B Datasheet(PDF) 37 Page - Diodes Incorporated

Part # PI3DPX1203B
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1203B Datasheet(HTML) 37 Page - Diodes Incorporated

Back Button PI3DPX1203B Datasheet HTML 33Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 34Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 35Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 36Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 37Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 38Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 39Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 40Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 41Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
37 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
General Power and Ground Guideline
To provide a clean power supply for Diodes high-speed device, few recommendations are listed below:
•
Power (VDD) and ground (GND) pins should be connected to corresponding power planes of the printed circuit board directly
without passing through any resistor.
•
The thickness of the PCB dielectric layer should be minimized such that the VDD and GND planes create low inductance paths.
•
One low-ESR 0.1uF decoupling capacitor should be mounted at each VDD pin or should supply bypassing for at most two VDD
pins. Capacitors of smaller body size, i.e. 0402 package, is more preferable as the insertion loss is lower. The capacitor should be
placed next to the VDD pin.
•
One capacitor with capacitance in the range of 4.7uF to 10uF should be incorporated in the power supply decoupling design as
well. It can be either tantalum or an ultra-low ESR ceramic.
•
A ferrite bead for isolating the power supply for Diodes high-speed device from the power supplies for other parts on the printed
circuit board should be implemented.
•
Several thermal ground vias must be required on the thermal pad. 25-mil or less pad size and 14-mil or less finished hole are
recommended.
G N D P la ne
VIN
V DD P la ne
10uF
1uF
0.1uF
0.1uF
0.1uF
Bypass noise
Power Flow
VIN
VIN
Center Pad
GND Plane
Several Thermal GND Vias must
be required on the Thermal Pad area
Figure 6-3: Decoupling Capacitor Placement Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com