Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWD13F60 Datasheet(PDF) 6 Page - STMicroelectronics

Part # PWD13F60
Description  High-density power driver -high voltage full bridge with integrated gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD13F60 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PWD13F60 Datasheet HTML 2Page - STMicroelectronics PWD13F60 Datasheet HTML 3Page - STMicroelectronics PWD13F60 Datasheet HTML 4Page - STMicroelectronics PWD13F60 Datasheet HTML 5Page - STMicroelectronics PWD13F60 Datasheet HTML 6Page - STMicroelectronics PWD13F60 Datasheet HTML 7Page - STMicroelectronics PWD13F60 Datasheet HTML 8Page - STMicroelectronics PWD13F60 Datasheet HTML 9Page - STMicroelectronics PWD13F60 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Electrical data
PWD13F60
6/26
DocID030865 Rev 2
3
Electrical data
3.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Test condition
Value
Unit
VDS
MOSFET drain-to-
source voltage
TJ = 25 °C
600
V
VCC1, VCC2 Drivers supply voltage
-
-0.3 to 19
V
VCCx-SENSEx
VCC to SENSE pin
voltage
-
-0.3 to 19
V
VBOOTx
Bootstrap voltage
-
GNDx -0.3 to 600
V
VBO1, VBO2
BOOTx to OUTx pin
voltage
-
-0.3 to 19
V
ID
Drain current (per
MOSFET)
DC at TCB = 25 °C(1)
1. TCB is temperature of case bottom pad.
8A
DC at TCB = 100 °C(1), (2)
2. Characterized, not tested in production.
6.9
A
Peak at TCB = 25 °C(1), (2), (3)
3. The value specified by the design factor, pulse duration limited by max. junction temperature and SOA.
32
A
ISD
Source-drain diode
current (per diode)
DC at TCB = 25 °C(1)
8A
Peak at TCB = 25 °C(1), (2), (3)
32
A
SRout
Full bridge outputs slew
rate (10% - 90%)
(2)
40
V/ns
Vi
Logic inputs voltage
range
-
-0.3 to 15
V
TJ
Junction temperature
-
-40 to 150
°C
Ts
Storage temperature
-
-40 to 150
°C
Ptot
Total power
dissipation(4)
4. Value calculated basing on thermal resistance, power uniformly distributed over the four power MOSFETs,
still air.
TCB = 25 °C for each MOSFET
450
W
Tamb = 25 °C, JEDEC board(5), (6)
5. The device mounted on a FR4 2s2p board as JESD51-5/7.
6. Actual applicative board max. dissipation could be higher or lower depending on the layout and cooling
techniques.
6.9
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com