Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWD13F60 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PWD13F60
Description  High-density power driver -high voltage full bridge with integrated gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD13F60 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PWD13F60 Datasheet HTML 5Page - STMicroelectronics PWD13F60 Datasheet HTML 6Page - STMicroelectronics PWD13F60 Datasheet HTML 7Page - STMicroelectronics PWD13F60 Datasheet HTML 8Page - STMicroelectronics PWD13F60 Datasheet HTML 9Page - STMicroelectronics PWD13F60 Datasheet HTML 10Page - STMicroelectronics PWD13F60 Datasheet HTML 11Page - STMicroelectronics PWD13F60 Datasheet HTML 12Page - STMicroelectronics PWD13F60 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DocID030865 Rev 2
9/26
PWD13F60
Electrical characteristics
26
4.2
Power MOSFET
VCCx = 15 V; TJ = 25 °C, unless otherwise specified.
Table 6. Power MOSFET electrical characteristics
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
MOSFET on/off states
V(BR)IDSS
Drain-source breakdown
voltage
ID = 1 mA(1)
600
-
-
V
IDSS
Zero gate voltage drain
current
VDS = 600 V
-
-
1
µA
VGS(th) Gate threshold voltage
VDS = VGS, ID = 250 µA(1)
34
5
V
RDS(on)
Static drain-source on-
resistance
ID = 3 A; VGS = 10 V
-
0.32 0.425
MOSFET avalanche
IAS
Avalanche current, repetitive
or not repetitive
Pulse width limited by TJ max.(1)
--
3
A
EAS
Single pulse avalanche
energy
Starting TJ = 25 °C, ID = IAS , VDD = 50 V(1)
--
162
mJ
Source-drain diode
VSD
Diode forward on voltage
LINx = GND;
HINx = GND;
ISD = 3 A
-
0.8
1.25
V
1.
Tested at the wafer level before packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com