Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR13 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # VR13
Description  VR13 and VR12.5 Multi-rail / Multiphase Digital Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

VR13 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button VR13 Datasheet HTML 12Page - Infineon Technologies AG VR13 Datasheet HTML 13Page - Infineon Technologies AG VR13 Datasheet HTML 14Page - Infineon Technologies AG VR13 Datasheet HTML 15Page - Infineon Technologies AG VR13 Datasheet HTML 16Page - Infineon Technologies AG VR13 Datasheet HTML 17Page - Infineon Technologies AG VR13 Datasheet HTML 18Page - Infineon Technologies AG VR13 Datasheet HTML 19Page - Infineon Technologies AG VR13 Datasheet HTML 20Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Enterprise / Memory Line
PDS-PXE1-PXM1-C-001A
17
Ordering Information
Prototype Samples
For preliminary evaluation and engineering builds using Enterprise controllers, it is recommended that customers
order samples that have been pre-programmed at the factory with a generic configuration file. The devices with
generic file will not regulate by default. The customer can then program the parts to their specific system
requirements using software/hardware available from Infineon or through other controller programming facilities
(contact Infineon for recommendations). Infineon Field Application Engineers are available to assist with system and
configuration file optimization and programming of the controllers. Samples ordered with the generic configuration
option will have the shortest lead time. Alternatively, samples can be ordered with a customer specific custom
configuration pre-programmed at the factory, but lead times for these types of samples are significantly longer than
for generically configured samples. The generic part numbering format is shown below:
Figure 7. PXE1610CDN Prototype
Figure 8. PXE1110CDM Prototype
Figure 9. PXM1310CDM Prototype
P X E 1 6 1 0 C D N - G 0 0 3
Prefix
Part Number
5 characters
Version Control
Package Designator
Configuration Code
G: Generic
Temperature Range
D: -5°C to +85°C
N: 6mm x 6mm QFN
P X E 1 1 1 0 C D M - G 0 0 3
Prefix
Part Number
5 characters
Version Control
Package Designator
Configuration Code
G: Generic
Temperature Range
D: -5°C to +85°C
M: 5mm x 5mm QFN
P X M 1 3 1 0 C D M - G 0 0 3
Prefix
Part Number
5 characters
Version Control
Package Designator
Configuration Code
G: Generic
Temperature Range
D: -5°C to +85°C
M: 5mm x 5mm QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com