Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR13 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # VR13
Description  VR13 and VR12.5 Multi-rail / Multiphase Digital Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

VR13 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button VR13 Datasheet HTML 12Page - Infineon Technologies AG VR13 Datasheet HTML 13Page - Infineon Technologies AG VR13 Datasheet HTML 14Page - Infineon Technologies AG VR13 Datasheet HTML 15Page - Infineon Technologies AG VR13 Datasheet HTML 16Page - Infineon Technologies AG VR13 Datasheet HTML 17Page - Infineon Technologies AG VR13 Datasheet HTML 18Page - Infineon Technologies AG VR13 Datasheet HTML 19Page - Infineon Technologies AG VR13 Datasheet HTML 20Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Enterprise / Memory Line
PDS-PXE1-PXM1-C-001A
18
Production Orders
For high volume/production orders, most customers will want to order Enterprise controllers which have been
custom configured at the factory. The part numbering format for custom configured parts is shown below. It is
essential that configuration files be reviewed and approved by Infineon prior to ordering large volumes of product:
Figure 10. PXE1610CDN Prototype
Figure 11. PXE1110CDM Prototype
Figure 12. PXM1310CDM Prototype
P X E 1 6 1 0 C D N - Y Y X X X X
Prefix
Part Number
5 characters
Version Control
Package Designator
N: 6mm x 6mm QFN
Configuration Number
4 digits (numeric)
Temperature Range
D: -5°C to +85°C
Customer Code
2 digits (alpha)
P X E 1 1 1 0 C D M - Y Y X X X X
Prefix
Part Number
5 characters
Version Control
Package Designator
M: 5mm x 5mm QFN
Configuration Number
4 digits (numeric)
Temperature Range
D: -5°C to +85°C
Customer Code
2 digits (alpha)
P X M 1 3 1 0 C D M - Y Y X X X X
Prefix
Part Number
5 characters
Version Control
Package Designator
M: 5mm x 5mm QFN
Configuration Number
4 digits (numeric)
Temperature Range
D: -5°C to +85°C
Customer Code
2 digits (alpha)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com