Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511XMY Datasheet(PDF) 53 Page - Microsemi Corporation

Part # VSC7511XMY
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511XMY Datasheet(HTML) 53 Page - Microsemi Corporation

Back Button VSC7511XMY Datasheet HTML 49Page - Microsemi Corporation VSC7511XMY Datasheet HTML 50Page - Microsemi Corporation VSC7511XMY Datasheet HTML 51Page - Microsemi Corporation VSC7511XMY Datasheet HTML 52Page - Microsemi Corporation VSC7511XMY Datasheet HTML 53Page - Microsemi Corporation VSC7511XMY Datasheet HTML 54Page - Microsemi Corporation VSC7511XMY Datasheet HTML 55Page - Microsemi Corporation VSC7511XMY Datasheet HTML 56Page - Microsemi Corporation VSC7511XMY Datasheet HTML 57Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
38
3.5.2.6
Link Speed Downshift
For operation in cabling environments that are incompatible with 1000BASE-T, the device provides an
automatic link speed “downshift” option. When enabled, the device automatically changes its 1000BASE-
T auto-negotiation advertisement to the next slower speed after a set number of failed attempts at
1000BASE-T. No reset is required to exit this state if a subsequent link partner with 1000BASE-T support
is connected. This is useful in setting up in networks using older cable installations that may include only
pairs A and B and not pairs C and D.
Link speed downshifting is configured and monitored using SPEED_DOWNSHIFT_STAT,
SPEED_DOWNSHIFT_CFG, and SPEED_DOWNSHIFT_ENA in the register PHY_CTRL_EXT3.
3.5.2.7
Energy Efficient Ethernet
The integrated transceivers support IEEE 802.3az Energy Efficient Ethernet (EEE). This standard
provides a method for reducing power consumption on an Ethernet link during times of low use.
Figure 11 •
Low Power Idle Operation
Using LPI, the usage model for the link is to transmit data as fast as possible and then return to a low
power idle state. Energy is saved on the link by cycling between active and low power idle states. Power
is reduced during LPI by turning off unused circuits and, using this method, energy use scales with
bandwidth utilization.
The transceivers use LPI to optimize power dissipation in 100BASE-TX and 1000BASE-T operation. In
addition, IEEE 802.3az defines a 10BASE-Te mode that reduces transmit signal amplitude from 5 V to
approximately 3.3 V, peak-to-peak. This mode reduces power consumption in 10 Mbps link speed and
can fully interoperate with legacy 10BASE-T compliant PHYs over 100 m Cat5 cable or better.
To configure the transceivers in 10BASE-Te mode, set PHY_EEE_CTRL.EEE_LPI_RX_100BTX_DIS to
1 for each port. Additional Energy Efficient Ethernet features are controlled through Clause 45 registers
as defined in Clause 45 registers to Support Energy Efficient Ethernet
3.5.3
Wake-On-LAN and SecureOn
The device supports Wake-on-LAN, an Ethernet networking standard to awaken hosts by using a “magic
packet” that is decoded to ascertain the source, and then assert an interrupt pin or an LED. The device
also supports SecureOn to secure Wake-on-LAN against unauthorized access. The following illustration
shows an overview of the Wake-on-LAN functionality.
Active
Low-Power Idle
Active
TS
TQ
TR
Quiet
Quiet
Quiet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com