Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511XMY Datasheet(PDF) 78 Page - Microsemi Corporation

Part # VSC7511XMY
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511XMY Datasheet(HTML) 78 Page - Microsemi Corporation

Back Button VSC7511XMY Datasheet HTML 74Page - Microsemi Corporation VSC7511XMY Datasheet HTML 75Page - Microsemi Corporation VSC7511XMY Datasheet HTML 76Page - Microsemi Corporation VSC7511XMY Datasheet HTML 77Page - Microsemi Corporation VSC7511XMY Datasheet HTML 78Page - Microsemi Corporation VSC7511XMY Datasheet HTML 79Page - Microsemi Corporation VSC7511XMY Datasheet HTML 80Page - Microsemi Corporation VSC7511XMY Datasheet HTML 81Page - Microsemi Corporation VSC7511XMY Datasheet HTML 82Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
63
The following table lists the registers associated with port configuration for VCAP.
Each port module affects the key generation for VCAPs IS1 and IS2 through the VCAP_CFG,
VCAP_S1_KEY_CFG, and VCAP_S2_CFG registers, and the rewriter affects VCAP ES0 through the
REW:PORT:PORT_CFG.ES0_ENA register.
3.8.1.1
VCAP IS1 Port Configuration
The following port configurations are available for IS1:
•
Enable lookups in IS1 (VCAP_CFG.S1_ENA). If disabled, frames received by the port module are
not matched against rules in VCAP IS1.
•
Use destination information rather than source information (VCAP_CFG.S1_DMAC_DIP_ENA). By
default, the two advanced classification lookups in IS1 use the source MAC address and source IP
address from the incoming frame when generating the key. Through S1_DMAC_DIP_ENA, the
corresponding destination information, destination MAC address, and destination IP address can be
used instead. This can be controlled per lookup so that, for example, the first lookup applies source
information, and the second applies destination information.
•
Use inner VLAN tag rather than outer VLAN tag (VCAP_CFG.S1_VLAN_INNER_TAG_ENA). By
default, the two advanced classification lookups in IS1 use the outer VLAN tag from the incoming
frame when generating the key. Through S1_VLAN_INNER_TAG_ENA, the inner tag for double
tagged frames can be used. This can be controlled per lookup so that, for example, the first lookup
applies the outer tag, and the second lookup applies the inner tag. For single tagged frames, the
outer VLAN tag is always used.
•
Select which IS1 key to use for IPv6 frames (VCAP_S1_CFG.S1_KEY_IP6_CFG). This can be
controlled per lookup in IS1. IPv6 frames can use any of the six supported keys in IS1. For more
information about the IS1 keys, see VCAP IS1, page 65.
•
Select which IS1 key to use for IPv4 frames (VCAP_S1_CFG.S1_KEY_IP4_CFG). This can be
controlled per lookup in IS1. IPv4 frames can use S1_NORMAL, S1_7TUPLE, S1_5TUPLE_IP4, or
S1_DBL_VID keys.
•
Select which IS1 key to use for non-IP frames (VCAP_S1_CFG.S1_KEY_OTHER_CFG). This can
be controlled per lookup in IS1. Non-IP frames can use S1_NORMAL, S1_7TUPLE, or S1_DBL_VID
keys.
3.8.1.2
VCAP IS2 Port Configuration
The following port configurations are available for IS2:
•
Enable lookups in IS2 (VCAP_S2_CFG.S2_ENA). If disabled, frames received by the port module
are not matched against rules in VCAP IS2.
•
Default PAG value (VCAP_CFG.PAG_VAL). This PAG value is the initial value. Actions out of IS1
can change the PAG value before it is used in the key for IS2.
Each port module can control a hierarchy of which entry types in IS2 to use for different frame types. This
is controllable per lookup. For instance, it is controllable whether IPv6 TCP frames are matched against
IP6_TCP_UDP entries, IP6_STD entries, IP4_TCPUDP entries, or MAC_ETYPE entries. Note that
matching against an entry type controls how the key is generated.
Table 34 •
Port Module Configuration of VCAP
Register
Description
Replication
ANA:PORT:VCAP_CFG
Configuration of the key generation for
the VCAPs.
Per port
ANA:PORT:VCAP_S1_KEY_CFG Configuration of the key generation for
the VCAP IS1 per lookup.
Per port
ANA:PORT:VCAP_S2_CFG
Configuration of the key generation for
the VCAP IS2.
Per port
REW:PORT:PORT_CFG
Enables VCAP ES0.
Per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com