Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7690 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV7690
Description  1/13 inch VGA CameraChip??sensor with OmniPixel3??technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV7690 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV7690 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV7690 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1341 Orleans Drive
Sunnyvale, CA 94089
tel: +1 408 542 3000
fax: +1 408 542 3001
www.ovt.com
OmniVision reserves the right to make changes to their products or to discontinue any
product or service without further notice. OmniVision, the OmniVision logo and
OmniPixel are registered trademarks of OmniVision Technologies, Inc. CameraChip
and OmniPixel3 are trademarks of OmniVision Technologies, Inc. All other trademarks
are the property of their respective owners.
Version 1.0, January 2008
column
sample/hold
image sensor core
OV7690
image sensor processor
image output
interface
PLL
control register bank
SCCB
slave
interface
timing generator
and system control logic
image
array
gain
control
AMP
10-bit
A/D
DATA[7:0]
DVP
7690_PB_001
functional block diagram
product specifications
product features
OV7690
active array size: 640 x 480
power supply:
– analog: 2.6 ~ 3.0V
– I/O: 1.7 ~ 3.0V
active power requirement: 100 mW
temperature range:
– operating: -30°C to 70°C
– stable image: 0°C to 50°C
output formats (8-bit):
– YUV 422/ YCbCr422
– RGB565
– CCIR656
– raw RGB data
ordering information
cellular phones
toys
PC multimedia
digital still cameras
ultra low power and low cost
automatic image control functions:
– automatic exposure control (AEC)
– automatic white balance (AWB)
– automatic black level calibration
(ABLC)
programmable controls for frame
rate, AEC/AGC, mirror and flip,
scaling and windowing
image quality controls:
– color saturation
– hue
– gamma
– sharpness (edge enhancement)
– lens correction
– defective pixel canceling
– noise canceling
support for video or snapshot
operations
lens size: 1/13"
input clock frequency: 6 ~ 27 MHz
maximum image transfer rate:
– VGA (640 x 480): 30fps for VGA
– QVGA (320 x 240): 60fps for QVGA
scan mode: progressive
maximum exposure interval:
511 x tROW
gamma correction: programmable
support for horizontal and vertical
sub-sampling
support for image sizes:
–VGA
– scaling CIF
– sub sampling QVGA
– scaling QCIF
standard serial SCCB interface
digital video port (DVP) parallel
output interface
on-chip phase lock loop (PLL)
programmable I/O drive capability
support for black sun cancellation
built-in 1.5V regulator for sensor
core power
rolling shutter
applications
OV07690-AL9A
(color, lead-free, CSP3-20)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com