Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7690 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV7690
Description  1/13 inch VGA CameraChip??sensor with OmniPixel3??technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV7690 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV7690 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV7690 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The OV7690 is the world's smallest single-chip,
high-performance VGA CameraChip image sensor,
with an optical format of only 1/13-inch . Using a
new generation of the OmniPixel3-HS™ (High
Sensitivity) architecture, the OV7690 offers
improved signal-to-noise ratio and unparalleled
light sensitivity.
The OV7690's unique, non-linear micro lens shift
technology, coupled with the newly developed
CSP3 packaging technology, frees product
designers to develop unique, slim devices
incorporating VGA sensors.
available in
a lead-free
package
OV7690 VGA
1/13 inch VGA CameraChip™ sensor with OmniPixel3™
technology
product brief
This technology allows for ultra-thin camera modules with a
single plastic lens design of just 4.5 x 4.5 x 3.17 mm, a critical
characteristic for slim camera phones and notebook
applications where camera modules can be no thicker than the
LCD housing.
Integrating image processing functions on-chip, the low-
voltage OV7690 image sensor provides the full functionality
of a VGA camera and image processor in a small footprint
package. This includes full-frame, sub-sampled or windowed
8-bit images in a wide range of formats, controlled through a
serial camera control bus (SCCB) interface.
The OV7690 can operate at 30 frames per second (fps) in VGA
with full user control over image quality, formatting and
output data transfer. As part of OmniVision's next generation
of image sensors, the OV7690 delivers low-noise, low-cost,
low-power consumption, high integration, wide dynamic range
and excellent low-light performance.


Similar Part No. - OV7690

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV7695 OMNIVISION-OV7695 Datasheet
937Kb / 2P
automatic white balance (AWB)
More results

Similar Description - OV7690

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9V012 MICRON-MT9V012 Datasheet
783Kb / 53P
1/6-Inch VGA CMOS Digital Image Sensor
logo
OmniVision Technologies...
OV03640-VL9A OMNIVISION-OV03640-VL9A Datasheet
167Kb / 2P
1/4-inch, high-performance 3 Megapixel CameraChip sensor
OV03642-V67A OMNIVISION-OV03642-V67A Datasheet
202Kb / 2P
1/4-inch, 3 megapixel CameraChip sensor
OV03647-V47A OMNIVISION-OV03647-V47A Datasheet
165Kb / 2P
high-performance 1/4-inch, 3 megapixel CameraChip sensor
OV07670-VL2A OMNIVISION-OV07670-VL2A Datasheet
207Kb / 2P
1/6 inch VGA CameraChip for ultra-thin camera modules
OV07690-AL9A OMNIVISION-OV07690-AL9A Datasheet
172Kb / 2P
1/13 inch VGA CameraChip sensor
OV2655 OMNIVISION-OV2655 Datasheet
239Kb / 2P
high sensitivity 1/5-inch 2 megapixel CameraChip sensor
OV3642 OMNIVISION-OV3642 Datasheet
202Kb / 2P
1/4-inch, 3 megapixel CameraChip sensor with embedded TrueFocus technology
OV7670 OMNIVISION-OV7670 Datasheet
207Kb / 2P
1/6 inch VGA CameraChip for ultra-thin camera modules
OV7750 OMNIVISION-OV7750 Datasheet
2Mb / 125P
CMOS VGA (640 x 480) image sensor with OmniPixel3-GS™ technology
version 2.12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com