Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C17092 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C17092
Description  Mounting ring for 횠110 mm ALISE and ELISE reflectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C17092 Datasheet(HTML) 1 Page - Ledil, Inc.

  C17092 Datasheet HTML 1Page - Ledil, Inc. C17092 Datasheet HTML 2Page - Ledil, Inc. C17092 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C17092_ALISE-110-RING
ALISE-110-RING
Mounting ring for Ø110 mm ALISE and ELISE
reflectors.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 114.6 mm
Height
18.1 mm
Fastening
clips
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
ALISE-110-RING
Accessory
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C17092_ALISE-110-RING
» Box size: 400 x 300 x 300 mm
100
100
25
2.0
Last update: 26/03/2020
Subject to change without prior notice
Published: 23/09/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Similar Part No. - C17092

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C17091 LEDIL-C17091 Datasheet
3Mb / 3P
Mounting ring for 횠70 mm ALISE and ELISE reflectors.
C17093 LEDIL-C17093 Datasheet
4Mb / 3P
Mounting ring for 횠50 mm ALISE and ELISE reflectors
C17094 LEDIL-C17094 Datasheet
1Mb / 3P
Clear sublens for 횠50 mm ALISE and ELISE reflectors.
C17095 LEDIL-C17095 Datasheet
1Mb / 3P
Clear sublens for 횠70 mm ALISE and ELISE reflectors
C17096 LEDIL-C17096 Datasheet
1Mb / 3P
Clear sublens for 횠110 mm ALISE and ELISE reflectors
More results

Similar Description - C17092

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12229 LEDIL-C12229 Datasheet
3Mb / 3P
Basepart for LENA and LENINA reflectors.
C16140 LEDIL-C16140 Datasheet
3Mb / 3P
Basepart for reflectors and lenses
C17091 LEDIL-C17091 Datasheet
3Mb / 3P
Mounting ring for 횠70 mm ALISE and ELISE reflectors.
C17093 LEDIL-C17093 Datasheet
4Mb / 3P
Mounting ring for 횠50 mm ALISE and ELISE reflectors
C17094 LEDIL-C17094 Datasheet
1Mb / 3P
Clear sublens for 횠50 mm ALISE and ELISE reflectors.
C17095 LEDIL-C17095 Datasheet
1Mb / 3P
Clear sublens for 횠70 mm ALISE and ELISE reflectors
C17096 LEDIL-C17096 Datasheet
1Mb / 3P
Clear sublens for 횠110 mm ALISE and ELISE reflectors
C17097 LEDIL-C17097 Datasheet
1Mb / 3P
Diffusing sublens for 횠110 mm ALISE and ELISE reflectors.
C17098 LEDIL-C17098 Datasheet
1Mb / 3P
Diffusing sublens for 횠70 mm ALISE and ELISE reflectors
C17099 LEDIL-C17099 Datasheet
1Mb / 3P
Diffusing sublens for 횠50 mm ALISE and ELISE reflectors.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com